Electronic Components Datasheet Search
  English  ▼

X  

350 Datasheet(PDF) 7 Page - PANAVISE PRODUCTS, INC.

Part # 350
Description  Precision Vise Combinations
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANAVISE [PANAVISE PRODUCTS, INC.]
Direct Link  https://www.panavise.com/
Logo PANAVISE - PANAVISE PRODUCTS, INC.

350 Datasheet(HTML) 7 Page - PANAVISE PRODUCTS, INC.

  350 Datasheet HTML 1Page - PANAVISE PRODUCTS, INC. 350 Datasheet HTML 2Page - PANAVISE PRODUCTS, INC. 350 Datasheet HTML 3Page - PANAVISE PRODUCTS, INC. 350 Datasheet HTML 4Page - PANAVISE PRODUCTS, INC. 350 Datasheet HTML 5Page - PANAVISE PRODUCTS, INC. 350 Datasheet HTML 6Page - PANAVISE PRODUCTS, INC. 350 Datasheet HTML 7Page - PANAVISE PRODUCTS, INC. 350 Datasheet HTML 8Page - PANAVISE PRODUCTS, INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Circuit Board Holder Model 315
PanaVise Circuit Board Holders help you work quicker & smarter!
Model 315 Features:
> The two moveable arms extend 6” (154mm) from the cross bar and have
“V” shaped grooves which securely hold the board edges
> One arm is spring tensioned to equalize holding pressure, and includes a lever which
locks the internal spring “open” for quick board insertion and removal
> “V” notches positioned laterally near the arms’ tips securely and conveniently hold
small electronic parts
> Shaft is 4.125” (104.8mm) long and 5/8” (15.9mm) in diameter; compatible with all
300 series Bases; accessories available (page 17)
> Height (bottom of shaft to tip of arms): 10.875” (276.2mm), Weight: 1.0 lb. (0.5kg)
Model 337 Features:
> Work can be attached easily to this universal Fixturing Head
> Six slots are 0.4375” (11.1mm) wide and 1.1875” (30.2mm) long; six 0.25” (6.3mm)
bolt holes are evenly spaced on a 4.375” (111.1mm) bolt circle
> Flat surface: 5.375” (136.5mm) in diameter
> Shaft is 4.125” (104.8mm) long and 5/8” (15.9mm) in diameter; compatible with all
300 series Bases
> Height (shaft to top of head): 3.75” (95.2mm), Weight: 11.5oz. (1.3kg)
Fixturing Head Model 337
Exceptional choice for woodworkers and pattern makers!
12
+1.800.759.7535
www.panavise.com
Model 385 Features:
> Gently, yet firmly, holds micrometers of all sizes. Can also hold small PC boards
and other objects
> Delrin® pads open 0.5” (12.7mm) and close to 0” for holding thin items
> Throat depth: 0.95” (24.1mm)
> Height (shaft to top of jaws): 3.14” (79.8mm), Weight: 0.23 lbs. (0.1kg)
Micrometer Holder Model 385
Holds a micrometer or small item exactly where YOU want it!
Micrometer Stand Combination Model 391
The 385 Micrometer Holder & 305 Low-Profile Base are available as a pre-selected Micrometer Stand Combination, Model 391.
Vise Heads Continued...



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com