Electronic Components Datasheet Search
  English  ▼

X  

350 Datasheet(PDF) 1 Page - PANAVISE PRODUCTS, INC.

Part # 350
Description  Precision Vise Combinations
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANAVISE [PANAVISE PRODUCTS, INC.]
Direct Link  https://www.panavise.com/
Logo PANAVISE - PANAVISE PRODUCTS, INC.

350 Datasheet(HTML) 1 Page - PANAVISE PRODUCTS, INC.

  350 Datasheet HTML 1Page - PANAVISE PRODUCTS, INC. 350 Datasheet HTML 2Page - PANAVISE PRODUCTS, INC. 350 Datasheet HTML 3Page - PANAVISE PRODUCTS, INC. 350 Datasheet HTML 4Page - PANAVISE PRODUCTS, INC. 350 Datasheet HTML 5Page - PANAVISE PRODUCTS, INC. 350 Datasheet HTML 6Page - PANAVISE PRODUCTS, INC. 350 Datasheet HTML 7Page - PANAVISE PRODUCTS, INC. 350 Datasheet HTML 8Page - PANAVISE PRODUCTS, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Model 201 Features:
> The easy-to-use single knob controls head movement through 3-planes:
210° Tilt, 360° Turn & 360° Rotation
> Fine/coarse adjusting knob controls jaw pressure for delicate work
> Grooved jaws are excellent for holding small objects and are made of reinforced thermal
composite plastic [continuous heat tolerance to 350°F (177°C), intermittent heat up to
450°F (204°C)]
> Jaws are 2” (50.8mm) tall, 1” (25.4mm) wide, and open to 2.875” (73mm)
Neoprene jaw pads are available (page 22) for holding extremely delicate items
> Base features 4.3125” (109.5mm) bolt circle countersunk for three 1/4” (6.3mm)
flat-head screws (not included); compatible with all PanaVise Base Mounts (pages 14-15)
> Height: 6.75” (173mm), Weight: 1.2 lbs. (0.6kg)
PV Jr. Model 201
The AMAZING Mini-Vise: perfect for arts and crafts,
model making, electronics and other small projects!
Precision Vise Combinations
PanaVise vises and work holding tools have hundreds of uses limited only by your imagination! Each vise allows the head to
“Tilt, Turn & Rotate” and position your work anywhere you want it. Our precision vises make any project more productive —
PanaVise: “Better than a third hand!”
6
+1.800.759.7535
www.panavise.com
Vacuum Base PV Jr. Model 209
The most PORTABLE precision vise you’ll ever own! Ideal
for light-duty field repairs, electronics, hobbies and more!
Model 209 Features:
> The easy-to-use single knob controls head movement through 3-planes:
210° Tilt, 360° Turn & 360° Rotation
> Fine/coarse adjusting knob controls jaw pressure for delicate work
> Grooved jaws are excellent for holding small objects and are made of reinforced thermal
composite plastic [continuous heat tolerance to 350°F (177°C), intermittent heat up to
450°F (204°C)]
> Jaws are 2” (50.8mm) tall, 1” (25.4mm) wide, and open to 2.875” (73mm)
> Arm movement is 140°; positive indents control movement to prevent “flopping”;
the control knob locks the arm firmly into place
> Lever locks vacuum pad into place on any smooth, flat, non-porous surface;
lift tab to release vise from surface
> Base Diameter: 3.4” (86.4mm), Height: 7.5” (173mm), Weight: 0.8 lbs. (0.4kg)


Similar Part No. - 350

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
350 CTS-350 Datasheet
105Kb / 2P
9x14mm Differential PECL High Frequency VCXO(416MHz to 832MHz)
logo
Cornell Dubilier Electr...
350 CDE-350 Datasheet
182Kb / 4P
Low Inductance, Radial, Aluminum Electrolytic High Frequency, Solid Aluminum Top
logo
Mill-Max Mfg. Corp.
350 MILL-MAX-350 Datasheet
116Kb / 1P
HEADER STRIPS .100??Grid Solder Tail Single Row
logo
Intel Corporation
350 INTEL-350 Datasheet
1Mb / 82P
Celeron D Processor
350 INTEL-350 Datasheet
879Kb / 68P
Celeron M Processor on 90 nm Process
More results

Similar Description - 350

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
0609-0754 CHERRY-0609-0754 Datasheet
6Mb / 8P
Assemblies and combinations
0609-1346 CHERRY-0609-1346 Datasheet
6Mb / 8P
Assemblies and combinations
0609-1347 CHERRY-0609-1347 Datasheet
6Mb / 8P
Assemblies and combinations
06090760 CHERRY-06090760 Datasheet
6Mb / 8P
Assemblies and combinations
06090799 CHERRY-06090799 Datasheet
6Mb / 8P
Assemblies and combinations
06090801 CHERRY-06090801 Datasheet
6Mb / 8P
Assemblies and combinations
06090803 CHERRY-06090803 Datasheet
6Mb / 8P
Assemblies and combinations
06091348 CHERRY-06091348 Datasheet
6Mb / 8P
Assemblies and combinations
logo
P-tec Corporation
PL83-WDRG2115 P-TEC-PL83-WDRG2115 Datasheet
76Kb / 1P
Multi-Color combinations
logo
SparkFun Electronics
TOL-14792 SPARKFUN-TOL-14792 Datasheet
75Kb / 1P
Nomad Low Profile Vise
6??5??8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com