Electronic Components Datasheet Search
  English  ▼

X  

OPA341 Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA341
Description  SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN microAmplifier ™ Series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA341 Datasheet(HTML) 5 Page - Texas Instruments

  OPA341 Datasheet HTML 1Page - Texas Instruments OPA341 Datasheet HTML 2Page - Texas Instruments OPA341 Datasheet HTML 3Page - Texas Instruments OPA341 Datasheet HTML 4Page - Texas Instruments OPA341 Datasheet HTML 5Page - Texas Instruments OPA341 Datasheet HTML 6Page - Texas Instruments OPA341 Datasheet HTML 7Page - Texas Instruments OPA341 Datasheet HTML 8Page - Texas Instruments OPA341 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
OPA341, 2341
5
SBOS202A
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VENABLE = VDD, VS = +5V, RL = 10kΩ, unless otherwise noted.
OPEN-LOOP GAIN AND PSRR
vs TEMPERATURE
160
140
120
100
80
60
40
Temperature (
°C)
–75
–25
25
75
125
150
R
L = 100kΩ
AOL
AOL
R
L = 2kΩ
PSRR
CMRR vs TEMPERATURE
100
90
80
70
60
Temperature (
°C)
–75
–25
25
75
125
150
V
S = 5V, (V–) – 0.3V < VCM < (V+) – 1.8V
V
S = 5V, (V–) – 0.3V < VCM < (V+) + 0.3V
V
S = 2.7V, (V–) – 0.3V < VCM < (V+) + 0.3V
QUIESCENT CURRENT vs TEMPERATURE
1.20
1.00
0.80
0.60
0.40
0.20
0.00
Temperature (
°C)
–75
–25
25
75
125
150
QUIESCENT CURRENT vs SUPPLY VOLTAGE
0.80
0.75
0.70
0.65
0.60
Supply Voltage (V)
23
4
5
6
SHORT-CIRCUIT CURRENT vs TEMPERATURE
Temperature (
°C)
100
90
80
70
60
50
40
30
20
10
0
–75
–25
25
75
125
150
+I
SC
–I
SC
SHORT-CIRCUIT CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
60
58
56
54
52
50
48
46
44
42
40
23
4
5
6
+I
SC
–I
SC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com