Electronic Components Datasheet Search
  English  ▼

X  

OPA341 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA341
Description  SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN microAmplifier ™ Series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA341 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA341 Datasheet HTML 2Page - Texas Instruments OPA341 Datasheet HTML 3Page - Texas Instruments OPA341 Datasheet HTML 4Page - Texas Instruments OPA341 Datasheet HTML 5Page - Texas Instruments OPA341 Datasheet HTML 6Page - Texas Instruments OPA341 Datasheet HTML 7Page - Texas Instruments OPA341 Datasheet HTML 8Page - Texas Instruments OPA341 Datasheet HTML 9Page - Texas Instruments OPA341 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
OPA341, 2341
6
SBOS202A
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VENABLE = VDD, VS = +5V, RL = 10kΩ, unless otherwise noted.
INPUT BIAS CURRENT
vs INPUT COMMON-MODE VOLTAGE
Common-Mode Voltage (V)
2
1.5
1
0.5
0
–0.5
–1
–1
0
1
2
345
6
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
Output Current (mA)
5
4
3
2
1
0
0
±10 ±20 ±30 ±40 ±50 ±60 ±70 ±80 ±90 ±100
+125
°C
+25
°C
–55
°C
+125
°C
+25
°C
–55
°C
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
10M
1M
Frequency (Hz)
100k
6
5
4
3
2
1
0
V
S = 5.5V
V
S = 2.7V
Maximum output
voltage without
slew rate-induced
distortion.
V
OS DRIFT DISTRIBUTION
Offset Voltage Drift (
µV/°C)
0.5
12.5
35
30
25
20
15
10
5
0
1.5 2.5 3.5
4.5 5.5 6.5 7.5 8.5 9.5 10.5 11.5
Typical distribution
of packaged units.
INPUT BIAS vs TEMPERATURE
10000
1000
100
10
1
0.1
150
25
75
125
Temperature (
°C)
–75
–25
V
OS PRODUCTION DISTRIBUTION
Offset Voltage (mV)
–66
25
20
15
10
5
0
–5
–4 –3
–2 –1
0
12
34
5
Typical distribution
of packaged units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com