Electronic Components Datasheet Search
  English  ▼

X  

OPA37 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA37
Description  Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA37 Datasheet(HTML) 1 Page - Texas Instruments

  OPA37 Datasheet HTML 1Page - Texas Instruments OPA37 Datasheet HTML 2Page - Texas Instruments OPA37 Datasheet HTML 3Page - Texas Instruments OPA37 Datasheet HTML 4Page - Texas Instruments OPA37 Datasheet HTML 5Page - Texas Instruments OPA37 Datasheet HTML 6Page - Texas Instruments OPA37 Datasheet HTML 7Page - Texas Instruments OPA37 Datasheet HTML 8Page - Texas Instruments OPA37 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
FEATURES
q LOW NOISE: 4.5nV/
√Hz max at 1kHz
q LOW OFFSET: 100
µV max
q LOW DRIFT: 0.4
µV/°C
q HIGH OPEN-LOOP GAIN: 117dB min
q HIGH COMMON-MODE REJECTION: 100dB min
q HIGH POWER-SUPPLY REJECTION: 94dB min
q FITS OP-07, OP-05, AD510, AND AD517
SOCKETS
Ultra-Low Noise, Precision
OPERATIONAL AMPLIFIERS
APPLICATIONS
q PRECISION INSTRUMENTATION
q DATA ACQUISITION
q TEST EQUIPMENT
q PROFESSIONAL AUDIO EQUIPMENT
q TRANSDUCER AMPLIFIERS
q RADIATION HARD EQUIPMENT
OPA27
OPA37
OPA27
OPA2
7
SBOS135C – JANUARY 1984 – REVISED AUGUST 2005
DESCRIPTION
The OPA27 and OPA37 are ultra-low noise, high-precision
monolithic operational amplifiers.
Laser-trimmed thin-film resistors provide excellent long-term
voltage offset stability and allow superior voltage offset
compared to common zener-zap techniques.
A unique bias current cancellation circuit allows bias and
offset current specifications to be met over the full –40
°C to
+85
°C temperature range.
The OPA27 is internally compensated for unity-gain stability.
The decompensated OPA37 requires a closed-loop gain
≥ 5.
The Texas Instruments’ OPA27 and OPA37 are improved
replacements for the industry-standard OP-27 and OP-37.
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1984-2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
Output
+V
CC
–V
CC
+In
–In
Trim
Trim
8
7
6
4
1
2
3


Similar Part No. - OPA37

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA37 BURR-BROWN-OPA37 Datasheet
368Kb / 18P
Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA37 TI-OPA37 Datasheet
956Kb / 22P
Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
OPA37 TI-OPA37 Datasheet
956Kb / 22P
Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
OPA371D TI2-OPA371D Datasheet
1Mb / 33P
OPAx371D 125kHz, 650nA NanoPower, 1.5V Low Voltage, Decompensated Amplifier for Power Conscious Applications
JUNE 2026
OPA371D TI2-OPA371D Datasheet
1Mb / 36P
OPAx371D 125kHz, 650nA NanoPower, 1.5V Low Voltage, Decompensated Amplifier for Power Conscious Applications
REVISED AUGUST 2026
More results

Similar Description - OPA37

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS524 STMICROELECTRONICS-TS524 Datasheet
128Kb / 5P
PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
Sep-1997
logo
Intersil Corporation
HA-5147 INTERSIL-HA-5147 Datasheet
559Kb / 11P
120MHz, Ultra-Low Noise Precision Operational Amplifiers
April 2000
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA27 BURR-BROWN-OPA27 Datasheet
368Kb / 18P
Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
HA-5147 INTERSIL-HA-5147_06 Datasheet
627Kb / 10P
120MHz, Ultra-Low Noise Precision Operational Amplifiers
July 12, 2006
logo
STMicroelectronics
TS524 STMICROELECTRONICS-TS524_01 Datasheet
309Kb / 8P
PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
Oct-2001
logo
Texas Instruments
OPA27CZ TI-OPA27CZ Datasheet
956Kb / 22P
Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
OPA37CJ TI1-OPA37CJ Datasheet
956Kb / 22P
Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
OPA27FJ TI-OPA27FJ Datasheet
956Kb / 22P
Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
HA-5147 RENESAS-HA-5147 Datasheet
757Kb / 11P
120MHz, Ultra-Low Noise Precision Operational Amplifiers
November 6, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com