Electronic Components Datasheet Search
  English  ▼

X  

OPA37 Datasheet(PDF) 14 Page - Texas Instruments

Part # OPA37
Description  Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA37 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA37 Datasheet HTML 10Page - Texas Instruments OPA37 Datasheet HTML 11Page - Texas Instruments OPA37 Datasheet HTML 12Page - Texas Instruments OPA37 Datasheet HTML 13Page - Texas Instruments OPA37 Datasheet HTML 14Page - Texas Instruments OPA37 Datasheet HTML 15Page - Texas Instruments OPA37 Datasheet HTML 16Page - Texas Instruments OPA37 Datasheet HTML 17Page - Texas Instruments OPA37 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
OPA27, OPA37
14
SBOS135C
www.ti.com
FIGURE 18. High Slew Rate Unity-Gain Buffer.
FIGURE 17. Unity-Gain Buffer.
FIGURE 20. Balanced Pyroelectric Infrared Detector.
FIGURE 19. RF Detector and Video Amplifier.
FIGURE 21. Magnetic Tachometer.
OPA27
Output
Input
1k
Ω
2
3
6
5V
5
µs
R
S = 50Ω
+10V
0V
–10V
OPA37
Output
Input
1k
Ω
2
3
6
500pF
250
Ω
5V
5
µs
R
S = 50Ω
+10V
0V
–10V
OPA37
Video
Output
20k
Ω
200
Ω
VIRTEC V1000
Planar Tunnel
Diode
2
3
6
0.01
µF
50
Ω
Input
200
Ω
RFC
500pF
OPA27
Output
10k
Ω
100
Ω
100
µF/20V
Tantalum
2
3
6
+
+
1
3
2
10k
Ω
10k
Ω
10
µF/20V
Siemens LHI 948
+15V
OPA27
Output
0
+
–
4.8V
1k
Ω
2
3
Airpax
Magnetic
Pickup
f
OUT ∝ RPM • N
Where N = Number of Gear Teeth
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com