Electronic Components Datasheet Search
  English  ▼

X  

OPA843 Datasheet(PDF) 17 Page - Texas Instruments

Part # OPA843
Description  Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA843 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA843 Datasheet HTML 13Page - Texas Instruments OPA843 Datasheet HTML 14Page - Texas Instruments OPA843 Datasheet HTML 15Page - Texas Instruments OPA843 Datasheet HTML 16Page - Texas Instruments OPA843 Datasheet HTML 17Page - Texas Instruments OPA843 Datasheet HTML 18Page - Texas Instruments OPA843 Datasheet HTML 19Page - Texas Instruments OPA843 Datasheet HTML 20Page - Texas Instruments OPA843 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
OPA2846
SBOS274C −JUNE 2003 − REVISED AUGUST 2008
www.ti.com
17
AC-COUPLED, SINGLE-TO-DIFFERENTIAL
ADC DRIVER
Where the signal path may be AC-coupled, a very
balanced, high SFDR dual op amp interface circuit can
easily be provided by the OPA2846. Figure 10 shows a
specific example of this application, where the input
single-to-differential conversion is provided by an input
transformer. Once the signal source is purely differential,
the circuit of Figure 10 provides low harmonic distortion
with a common-mode control path that does not interact
with the signal path gain. If the source is already
differential, such as at the output of a balanced mixer, the
input
transformer
could
be
replaced
by
blocking
capacitors.
In the example of Figure 10, the secondary of the
transformer is connected into the two inverting path gain
resistors (100
Ω). These resistors provide both an input
impedance match (assuming a 50
Ω source on the primary
of this 1:2 step-up transformer) and set the signal gain for
each amplifier along with the 500
Ω feedback resistors.
Although relatively high signal gain is provided by this
circuit (10 in this case), each amplifier is operating at a
relatively low noise gain (3.5V/V). This low-noise gain at
low frequencies gives high loop gain for distortion
suppression in the baseband. External compensation
capacitors (18pF and 2.1pF) are included to hold the
frequency response flat, as described in the Low-Gain
Compensation For Improved SFDR section of this data
sheet. The common-mode operating voltage is fed into
each amplifier’s noninverting input. Since these are equal,
and will appear at each inverting input as well, no DC
current is produced through the transformer secondary
due to this common-mode operating voltage. Since no
current flows due to VCM, the output will operate at VCM as
well. This is one of the few common-mode operating point
control techniques that requires no current to flow. This
makes the common-mode control aspect of this circuit
essentially non-interactive with the signal path. To provide
a 2VPP differential signal operating at a 2.5V output
common-mode requires a 2.0V to 3.0V output swing on
each output. Tested performance over frequency for the
circuit of Figure 10 is shown in Figure 11.
Single−to−Differential
Gain of 10
Power−supply decoupling
not shown.
V
CM +10VI
1/2
OPA2846
L
2.5V
+5V
V
CM
V
CM
L
R
1
R
1
500
Ω
500
Ω
R
2
C
1
µF
C
V
−
V
CM
R
2
V+
14−Bit
10MSPS
ADS850
2.1pF
1/2
OPA2846
500
Ω
−5V
18pF
1000pF
1000pF
18pF
100
Ω
100
Ω
500
Ω
2.1pF
V
I
50
Ω
1:2
Figure 10. AC-Coupled, Single-to-Differential High SFDR ADC Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com