Electronic Components Datasheet Search
  English  ▼

X  

OPA843 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA843
Description  Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA843 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA843 Datasheet HTML 3Page - Texas Instruments OPA843 Datasheet HTML 4Page - Texas Instruments OPA843 Datasheet HTML 5Page - Texas Instruments OPA843 Datasheet HTML 6Page - Texas Instruments OPA843 Datasheet HTML 7Page - Texas Instruments OPA843 Datasheet HTML 8Page - Texas Instruments OPA843 Datasheet HTML 9Page - Texas Instruments OPA843 Datasheet HTML 10Page - Texas Instruments OPA843 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
OPA2846
SBOS274C −JUNE 2003 − REVISED AUGUST 2008
www.ti.com
7
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
TA = 25°C, G = +10, RF = 453Ω, RG = 50Ω, and RL = 100Ω, unless otherwise noted.
10
1
INPUT VOLTAGE AND CURRENT NOISE
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
100M
Current Noise
2.8pA/
√Hz
Voltage Noise
1.2nV/
√Hz
0.5
0.4
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
−0.4
−0.5
NONINVERTING GAIN FLATNESS TUNE
Frequency (Hz)
1M
10M
100M
1G
NG = 8.0
NG = 8.5
NG = 10.0
NG = 9.5
NG = 9.0
V
O = 200mVPP
A
V =+8
R
F = 453Ω
R
G =64.9Ω
External Compensation
SeeFigure9
100
10
1
RECOMMENDED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
1
10
100
1000
G= +10V/V
50
45
40
35
30
25
20
2−TONE, 3RD−ORDER INTERMODULATION INTERCEPT
Frequency (MHz)
5
1015
2025
303540
45
50
G = +10V/V
R
F
45 3
Ω
R
S
50
Ω
1/2
O P A 2846
P
IN
P
O
50
Ω
R
L
50
Ω
R
G
50
Ω
+5V
50
Ω Source
− 5V
3
2
1
0
−1
−2
−3
−4
−5
−6
LOW GAIN INVERTING BANDWIDTH
Frequency (Hz)
1M
10M
100M
1G
G=
−6
G=
−4
G=
−2
G=
−1
V
O =200mVPP
R
F =400Ω
External Compensation
SeeFigure5
23
20
17
14
11
8
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (Hz)
1M
10M
100M
1G
C = 22pF
C = 47pF
C = 100pF
C = 10pF
R
S adjusted for capacitive load.
R
45 3
Ω
R
S
1/ 2
O P A 2 846
V
IN
V
O
50
Ω
R
L
1k
Ω
Power− su pp ly
de c ou plin g no t sh ow n.
C
L
R
G
50
Ω
+5 V
50
Ω Source
−5V
(1 k
Ω is optional.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com