Electronic Components Datasheet Search
  English  ▼

X  

OPA684 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA684
Description  Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA684 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA684 Datasheet HTML 3Page - Texas Instruments OPA684 Datasheet HTML 4Page - Texas Instruments OPA684 Datasheet HTML 5Page - Texas Instruments OPA684 Datasheet HTML 6Page - Texas Instruments OPA684 Datasheet HTML 7Page - Texas Instruments OPA684 Datasheet HTML 8Page - Texas Instruments OPA684 Datasheet HTML 9Page - Texas Instruments OPA684 Datasheet HTML 10Page - Texas Instruments OPA684 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
OPA3684
7
SBOS241C
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
At TA = +25°C, G = +2, RF = 800Ω, and RL = 100Ω, unless otherwise noted.
100
10
1
Frequency (Hz)
100
10M
1k
10k
100k
1M
INPUT VOLTAGE AND CURRENT NOISE DENSITY
Noninverting Current Noise
9.4pA/
√Hz
Voltage Noise
3.7nV/
√Hz
Inverting Current Noise
17pA/
√Hz
2-TONE, 3RD-ORDER
INTERMODULATION DISTORTION
–8 –7 –6 –5 –4 –3 –2 –14
5
3
2
1
06
7
8
Power at Load (each tone, dBm)
–50
–60
–70
–80
–90
50
Ω
+5V
–5V
50
Ω
50
Ω
P
I
P
O
800
Ω
800
Ω
OPA3684
20MHz
10MHz
5MHz
1MHz
6
5
4
3
2
1
0
Time (ms)
016
24
8
612
14
10
DISABLE TIME
V
DIS
V
OUT
V
IN = 1VDC
See Figure 1
–40
–50
–60
–70
–80
–90
–100
Frequency (MHz)
0.1
100
110
DISABLED FEEDTHROUGH
G = +2
V
DIS = 0
See Figure 1
50
40
30
20
10
0
C
LOAD (pF)
1
100
10
R
S vs CLOAD
0.5dB Peaking
9
6
3
0
–3
–6
Frequency (MHz)
1
300
10
100
SMALL-SIGNAL BANDWIDTH vs C
LOAD
5pF
800
Ω
1k
Ω
OPA3684
RS
VO
+5V
–5V
50
Ω
CL
800Ω
V
I
12pF
100pF
50pF
75pF
20pF
33pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com