Electronic Components Datasheet Search
  English  ▼

X  

OPA684 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA684
Description  Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA684 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA684 Datasheet HTML 4Page - Texas Instruments OPA684 Datasheet HTML 5Page - Texas Instruments OPA684 Datasheet HTML 6Page - Texas Instruments OPA684 Datasheet HTML 7Page - Texas Instruments OPA684 Datasheet HTML 8Page - Texas Instruments OPA684 Datasheet HTML 9Page - Texas Instruments OPA684 Datasheet HTML 10Page - Texas Instruments OPA684 Datasheet HTML 11Page - Texas Instruments OPA684 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
OPA3684
8
SBOS241C
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
At TA = +25°C, G = +2, RF = 800Ω, and RL = 100Ω, unless otherwise noted.
CMRR and PSRR vs FREQUENCY
102
103
104
105
106
107
108
Frequency (Hz)
70
60
50
40
30
20
10
0
CMRR
+PSRR
–PSRR
OPEN-LOOP TRANSIMPEDANCE GAIN AND PHASE
vs FREQUENCY
102
103
104
105
106
107
108
109
Frequency (Hz)
120
100
80
60
40
20
0
0
–30
–60
–90
–120
–150
–180
20log (Z
OL)
∠ Z
OL
0.10
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
Number of 150
Ω Video Loads
14
23
COMPOSITE VIDEO DIFFERENTIAL GAIN/PHASE
Gain = +2
NTSC, Positive Video
dG
dP
OUTPUT CURRENT AND VOLTAGE LIMITATIONS
–150
–100
–50
0
50
100
150
I
O (MA)
5
4
3
2
1
0
–1
–2
–3
–4
–5
1W Power
Limit
Each
Channel
R L
=
5
0Ω
1W Power
Limit
TYPICAL DC DRIFT OVER AMBIENT TEMPERATURE
–50
–25
0
25
50
75
100
125
Ambient Temperature (
°C)
4
3
2
1
0
–1
–2
–3
–4
Input Offset Voltage
Noninverting Input Bias Current
Inverting Input Bias Current
SUPPLY AND OUTPUT CURRENT
vs AMBIENT TEMPERATURE
–25
0
25
50
75
100
125
Ambient Temperature (
°C)
200
175
150
125
100
Sourcing Output Current
Sinking Output Current
Supply Current
1.9
1.8
1.7
1.6
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com