Electronic Components Datasheet Search
  English  ▼

X  

OPA685 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA685
Description  Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA685 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA685 Datasheet HTML 5Page - Texas Instruments OPA685 Datasheet HTML 6Page - Texas Instruments OPA685 Datasheet HTML 7Page - Texas Instruments OPA685 Datasheet HTML 8Page - Texas Instruments OPA685 Datasheet HTML 9Page - Texas Instruments OPA685 Datasheet HTML 10Page - Texas Instruments OPA685 Datasheet HTML 11Page - Texas Instruments OPA685 Datasheet HTML 12Page - Texas Instruments OPA685 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
OPA3684
9
SBOS241C
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
At TA = +25°C, G = +2, RF = 800Ω, and RL = 100Ω, unless otherwise noted.
SETTLING TIME
010
20
30
40
50
60
Time (ns)
0.05
0.04
0.03
0.02
0.01
0
–0.01
–0.02
–0.03
–0.04
–0.05
2V Step
See Figure 1
ALL HOSTILE CROSSTALK
Frequency (MHz)
10
1
0.1
100
–20
–25
–30
–35
–40
–45
–50
–55
–60
–65
–70
1Vp-p Output
2-Channels, 100
Ω Load
NONINVERTING OVERDRIVE RECOVERY
Time (100ns/div)
4.0
3.2
2.4
1.6
0.8
0
–0.8
–1.6
–2.4
–3.2
–4.0
8.0
6.4
4.8
3.2
1.6
0
–1.6
–3.2
–4.8
–6.4
–8.0
See Figure 1
Input Voltage
Left Scale
Output Voltage
Right Scale
INVERTING OVERDRIVE RECOVERY
Time (100ns/div)
8.0
6.4
4.8
3.2
1.6
0
–1.6
–3.2
–4.8
–6.4
–8.0
8.0
6.4
4.8
3.2
1.6
0
–1.6
–3.2
–4.8
–6.4
–8.0
See Figure 2
Input Voltage
Left Scale
Output Voltage
Right Scale
INPUT AND OUTPUT VOLTAGE RANGE
vs SUPPLY VOLTAGE
Supply Voltage (
±V)
± 4
± 3
± 2
± 5
± 6
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
Input
Voltage
Range
Output
Voltage
Range
CLOSED-LOOP OUTPUT IMPEDANCE vs FREQUENCY
Frequency (Hz)
100k
1M
1k
10k
100
10M
100M
100
10
1
0.01
0.001
800
Ω
Z
O
800
Ω
1/3
OPA3684



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com