Electronic Components Datasheet Search
  English  ▼

X  

OPA685 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA685
Description  Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA685 Datasheet(HTML) 1 Page - Texas Instruments

  OPA685 Datasheet HTML 1Page - Texas Instruments OPA685 Datasheet HTML 2Page - Texas Instruments OPA685 Datasheet HTML 3Page - Texas Instruments OPA685 Datasheet HTML 4Page - Texas Instruments OPA685 Datasheet HTML 5Page - Texas Instruments OPA685 Datasheet HTML 6Page - Texas Instruments OPA685 Datasheet HTML 7Page - Texas Instruments OPA685 Datasheet HTML 8Page - Texas Instruments OPA685 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
www.ti.com
OPA3684
www.ti.com
Copyright © 2002-2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SBOS241C – MAY 2002 – REVISED JULY 2008
Low-Power, Triple Current-Feedback
OPERATIONAL AMPLIFIER With Disable
FEATURES
q MINIMAL BANDWIDTH CHANGE VERSUS GAIN
q 170MHz BANDWIDTH: G = +2
q > 120MHz BANDWIDTH TO GAIN > +10
q LOW DISTORTION: < –82dBc at 5MHz
q HIGH OUTPUT CURRENT: 120mA
q SINGLE +5V TO +12V SUPPLY OPERATION
q DUAL
±2.5V TO ±6.0V SUPPLY OPERATION
q LOW SUPPLY CURRENT: 1.7mA/ch
q LOW SHUTDOWN CURRENT: 100
µA/ch
V+
V
O
V–
I
ERR
R
G
R
F
Z
(S) IERR
1 of 3 Channels
+
Low-Power
Amplifier
DESCRIPTION
The OPA3684 provides a new level of performance in low-power,
wideband, current-feedback (CFB) amplifiers. This CFBPLUS am-
plifier among the first to use an internally closed-loop input buffer
stage that enhances performance significantly over earlier low-
power CFB amplifiers. While retaining the benefits of very low
power operation, this new architecture provides many of the
benefits of a more ideal CFB amplifier. The closed-loop input stage
buffer gives a very low and linearized impedance path at the
inverting input to sense the feedback error current. This improved
inverting input impedance retains exceptional bandwidth to much
higher gains and improves harmonic distortion over earlier solu-
tions limited by inverting input linearity. Beyond simple high-gain
applications, the OPA3684 CFBPLUS amplifier permits the gain
setting element to be set with considerable freedom from amplifier
bandwidth interaction. This allows frequency response peaking
elements to be added, multiple input inverting summing circuits to
APPLICATIONS
q RGB LINE DRIVERS
q LOW-POWER BROADCAST VIDEO DRIVERS
q EQUALIZING FILTERS
q MULTICHANNEL SUMMING AMPLIFIERS
q PROFESSIONAL CAMERAS
q ADC INPUT DRIVERS
have greater bandwidth, and low-power line drivers to meet the
demanding requirements of studio cameras and broadcast video.
The output capability of the OPA3684 also sets a new mark in
performance for low-power current-feedback amplifiers. Delivering
a full
±4Vp-p swing on ±5V supplies, the OPA3684 also has the
output current to support >
±3Vp-p into 50Ω. This minimal output
headroom requirement is complemented by a similar 1.2V input
stage headroom giving exceptional capability for single +5V opera-
tion.
The OPA3684’s low 1.7mA/ch supply current is precisely trimmed
at 25
°C. This trim, along with low shift over temperature and supply
voltage, gives a very robust design over a wide range of operating
conditions. System power may be further reduced by using the
optional disable control pin. Leaving this disable pin open, or holding
it HIGH, gives normal operation. If pulled LOW, the OPA3684 supply
current drops to less than 100
µA/ch while the I/O pins go to a high
impedance state.
6
3
0
–3
–6
–9
–12
–15
–18
–21
–24
R
F = 800Ω
G = 100
G = 50
G = 20
G = 10
G = 2
G = 1
10
100
200
BW (MHz) vs GAIN
G = 5
MHz
Patent Pending
OPA3
684
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
All trademarks are the property of their respective owners.


Similar Part No. - OPA685

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA685 BURR-BROWN-OPA685 Datasheet
283Kb / 28P
Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable TM
OPA685 BURR-BROWN-OPA685 Datasheet
455Kb / 26P
Quad, Low-Power, Current-Feedback OPERATIONAL AMPLIFIER
OPA685 BURR-BROWN-OPA685 Datasheet
469Kb / 26P
Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA685 TI1-OPA685 Datasheet
371Kb / 32P
Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA685 TI2-OPA685 Datasheet
888Kb / 34P
Very Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
REVISED JULY 2008
More results

Similar Description - OPA685

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA684 TI-OPA684 Datasheet
403Kb / 25P
Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Intersil Corporation
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
250MHz Triple Current Feedback Amplifier with Disable
June 24, 2004
logo
Burr-Brown (TI)
OPA3691 BURR-BROWN-OPA3691 Datasheet
438Kb / 25P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA3684 BURR-BROWN-OPA3684 Datasheet
469Kb / 26P
Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
OPA3684 TI1-OPA3684_17 Datasheet
1Mb / 34P
Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Renesas Technology Corp
EL2386 RENESAS-EL2386 Datasheet
894Kb / 13P
250MHz Triple Current Feedback Amplifier with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com