Electronic Components Datasheet Search
  English  ▼

X  

OPA27 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA27
Description  Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA27 Datasheet(HTML) 4 Page - Texas Instruments

  OPA27 Datasheet HTML 1Page - Texas Instruments OPA27 Datasheet HTML 2Page - Texas Instruments OPA27 Datasheet HTML 3Page - Texas Instruments OPA27 Datasheet HTML 4Page - Texas Instruments OPA27 Datasheet HTML 5Page - Texas Instruments OPA27 Datasheet HTML 6Page - Texas Instruments OPA27 Datasheet HTML 7Page - Texas Instruments OPA27 Datasheet HTML 8Page - Texas Instruments OPA27 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
OPA27, OPA37
4
SBOS135C
www.ti.com
OPA27
OPA37
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT VOLTAGE (1)
Input Offset Voltage
±48
±220(3)
µV
Average Drift (2)
TA MIN to TA MAX
±0.4
±1.8(3)
µV/°C
Supply Rejection
±V
CC = 4.5 to 18V
±V
CC = 4.5 to 18V
90 (3)
122
dB
BIAS CURRENT
Input Bias Current
±21
±150(3)
nA
OFFSET CURRENT
Input Offset Current
20
135 (3)
nA
VOLTAGE RANGE
Common-Mode Input Range
±10.5(3)
±11.8
V
Common-Mode Rejection
VIN = ±11VDC
96 (3)
122
dB
OPEN-LOOP GAIN, DC
Open-Loop Voltage Gain
RL ≥ 2kΩ
113 (3)
120
dB
RATED OUTPUT
Voltage Output
RL = 2kΩ±11.0(3)
±13.4
V
Short Circuit Current
VO = 0VDC
25
mA
TEMPERATURE RANGE
Specification
–40
+85
°C
NOTES: (1) Offset voltage specification are measured with automatic test equipment after approximately 0.5s from power turn-on. (2) Unnulled or nulled with 8k
Ω to
20k
Ω potentiometer. (3) This parameter specified by design.
ELECTRICAL CHARACTERISTICS (Cont.)
At VCC = ±15V and –40°C ≤ TA ≤ +85°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com