Electronic Components Datasheet Search
  English  ▼

X  

OPA27 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA27
Description  Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA27 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA27 Datasheet HTML 5Page - Texas Instruments OPA27 Datasheet HTML 6Page - Texas Instruments OPA27 Datasheet HTML 7Page - Texas Instruments OPA27 Datasheet HTML 8Page - Texas Instruments OPA27 Datasheet HTML 9Page - Texas Instruments OPA27 Datasheet HTML 10Page - Texas Instruments OPA27 Datasheet HTML 11Page - Texas Instruments OPA27 Datasheet HTML 12Page - Texas Instruments OPA27 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
OPA27, OPA37
9
SBOS135C
www.ti.com
APPLICATIONS INFORMATION
OFFSET VOLTAGE ADJUSTMENT
The OPA27 and OPA37 offset voltages are laser-trimmed
and require no further trim for most applications. Offset
voltage drift will not be degraded when the input offset is
nulled with a 10k
Ω trim potentiometer. Other potentiometer
values from 1k
Ω to 1MΩ can be used, but V
OS drift will be
degraded by an additional 0.1
µV/°C to 0.2µV/°C. Nulling
large system offsets by use of the offset trim adjust will
degrade drift performance by approximately 3.3
µV/°C per
millivolt of offset. Large system offsets can be nulled without
drift degradation by input summing.
The conventional offset voltage trim circuit is shown in Figure
3. For trimming very small offsets, the higher resolution
circuit shown in Figure 4 is recommended.
The OPA27 and OPA37 can replace 741-type operational
amplifiers by removing or modifying the trim circuit.
THERMOELECTRIC POTENTIALS
The OPA27 and OPA37 are laser-trimmed to microvolt-level
input offset voltages, and for very-low input offset voltage
drift.
Careful layout and circuit design techniques are necessary to
prevent offset and drift errors from external thermoelectric
potentials. Dissimilar metal junctions can generate small
EMFs if care is not taken to eliminate either their sources
(lead-to-PC, wiring, etc.) or their temperature difference (see
Figure 11).
Short, direct mounting of the OPA27 and OPA37 with close
spacing of the input pins is highly recommended. Poor layout
can result in circuit drifts and offsets which are an order of
magnitude greater than the operational amplifier alone.
FIGURE 1. 0.1Hz to 10Hz Noise Test Circuit.
FIGURE 2. Low Frequency Noise.
DUT
OPA111
100k
Ω
2k
Ω
4.7
µF
Voltage Gain
Total = 50,000
10
Ω
NOTE: All capacitor values are for nonpolarized capacitors only.
0.1
µF
Scope
x1
R
IN = 1MΩ
100k
Ω
24.3k
Ω
4.3k
Ω
110k
Ω
0.1
µF
22
µF
2.2
µF
0.1Hz TO 10Hz NOISE
1s/div
40nv/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com