Electronic Components Datasheet Search
  English  ▼

X  

OPA541AP Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA541AP
Description  OPA541 High Power Monolithic Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA541AP Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA541AP Datasheet HTML 7Page - Texas Instruments OPA541AP Datasheet HTML 8Page - Texas Instruments OPA541AP Datasheet HTML 9Page - Texas Instruments OPA541AP Datasheet HTML 10Page - Texas Instruments OPA541AP Datasheet HTML 11Page - Texas Instruments OPA541AP Datasheet HTML 12Page - Texas Instruments OPA541AP Datasheet HTML 13Page - Texas Instruments OPA541AP Datasheet HTML 14Page - Texas Instruments OPA541AP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
10µF
OPA541
0.1µF
0.1µF
10µF
–V
S
D
2
D
1
L
Inductive or
EMF-Generating
Load
+V
S
D – D : IN4003
1
2
OPA541
1
2
8
R
CL
Not Required
OPA501
1
2
8
R
CL
R
CL
+
–
Pin 2 is open on OPA541.
OPA541
www.ti.com
SBOS153B – SEPTEMBER 2000 – REVISED JANUARY 2016
Application Information (continued)
Figure 12. Isolating Capacitive Loads
Because one resistor carries the current previously carried by two, the resistor may require a high power rating.
Minor adjustments may be required in the resistor value to achieve the same current limit value. Often, however,
the change in current limit value when changing models is small compared to its variation over temperature.
Many applications can use the same current limit resistor.
8.2 Typical Applications
8.2.1 Clamping Output for EMF-Generating Loads
Figure 13. Clamping Output for EMF-Generating Loads
8.2.1.1 Design Requirements
•
Motor drive with reversal requiring output clamping
•
20-V motor
•
1-
Ω DC resistance
•
10-µH inductance
•
40°C maximum ambient temperature
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
Power Supply Requirements
Select the power supply based on the requirement to achieve a ±20-V output with up to a 5-A load. The
maximum value for output voltage swing at 5-A is approximately within 4 V of either rail and ±25. These supplies
provide sufficient output swing.
8.2.1.2.2
Current Limit and SOA (Safe Operating Area)
Set the current limit to the highest possible value for the application which generally corresponds to a short circuit
on the output. In this application this corresponds to 25-V stress on the output device and examination of the
SOA (Safe Operating Area) graph in Figure 11 indicates that a 5-A current limit is within the 25°C SOA.
Copyright © 2000–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com