Electronic Components Datasheet Search
  English  ▼

X  

OPA541AP Datasheet(PDF) 14 Page - Texas Instruments

Part # OPA541AP
Description  OPA541 High Power Monolithic Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA541AP Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA541AP Datasheet HTML 10Page - Texas Instruments OPA541AP Datasheet HTML 11Page - Texas Instruments OPA541AP Datasheet HTML 12Page - Texas Instruments OPA541AP Datasheet HTML 13Page - Texas Instruments OPA541AP Datasheet HTML 14Page - Texas Instruments OPA541AP Datasheet HTML 15Page - Texas Instruments OPA541AP Datasheet HTML 16Page - Texas Instruments OPA541AP Datasheet HTML 17Page - Texas Instruments OPA541AP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
OPA541
V
OUT
+35V
–35V
DAC702
0.5Ω
–30V to
+30V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Digital Word
Input
MSB
LSB
100pF
=
+15V
–15V
5kΩ
1µF
OPA27
10kΩ*
*
+15V
–15V
23
18
19
20
10kΩ
FB
±1mA
* TCR
Tracking
Resistors
21
17
6
7
4
1µF
1µF
1µF
1µF
1µF
2
3
OPA541
SBOS153B – SEPTEMBER 2000 – REVISED JANUARY 2016
www.ti.com
Typical Applications (continued)
8.2.4 16-Bit Programmable Voltage Source
The 16-bit voltage source achieves its precision by using an OPA27 along with precision resistors in a feedback
path that provides high overall accuracy.
Figure 17. 16-Bit Programmable Voltage Source
8.2.4.1 Design Requirements
Design requirements for the programmable voltage source shown in Figure 17:
•
±30-V output programmable to 16-bit resolution
•
> ±1.5-A current capability
•
< 500-
μV offset at zero output
•
linearity error less than ±0.0015%
•
differential linearity error less than ±0.003%
14
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Product Folder Links: OPA541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com