Electronic Components Datasheet Search
  English  ▼

X  

OPA688MJD Datasheet(PDF) 20 Page - Texas Instruments

Part # OPA688MJD
Description  UNITY-GAIN-STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA688MJD Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA688MJD Datasheet HTML 16Page - Texas Instruments OPA688MJD Datasheet HTML 17Page - Texas Instruments OPA688MJD Datasheet HTML 18Page - Texas Instruments OPA688MJD Datasheet HTML 19Page - Texas Instruments OPA688MJD Datasheet HTML 20Page - Texas Instruments OPA688MJD Datasheet HTML 21Page - Texas Instruments OPA688MJD Datasheet HTML 22Page - Texas Instruments OPA688MJD Datasheet HTML 23Page - Texas Instruments OPA688MJD Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
OPA688M
UNITY GAINSTABLE WIDEBAND
VOLTAGE LIMITING AMPLIFIER
SGLS144B − APRIL 2003 − DECEMBER 2006
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
thermal considerations
The OPA688 will not require heat-sinking under most operating conditions. Maximum desired junction
temperature will set a maximum allowed internal power dissipation as described below. In no case should the
maximum junction temperature be allowed to exceed 150
°C.
The total internal power dissipation (PD) is the sum of quiescent power (PDQ) and the additional power
dissipated in the output stage (PDL) while delivering load power. PDQ is simply the specified no-load supply
current times the total supply voltage across the part. PDL depends on the required output signals and loads.
For a grounded resistive load, and equal bipolar supplies, it is at a maximum when the output is at 1/2 either
supply voltage. In this condition, PDL = VS2/(4RL) where RL includes the feedback network loading. Note that
it is the power in the output stage, and not in the load, that comprises PDL.
The operating junction temperature is: TJ = TA + PD ΘJA, where TA is the ambient temperature.
For example, the maximum TJ for a OPA688M with G = +2, RFB = 402 Ω, RL = 100 Ω, and ±VS = ±5 V at the
maximum TA = + 85°C is calculated as:
P
DQ +
(10 V
20 mA)
+ 200 mW
P
DL +
(5V)
2
4
100
W ø 804 W
+ 70 mW
P
D + 200 mW ) 70 mW + 270 mW
TJ = 85°C + 270 mW × (119°C/W) = 117°C
capacitive loads
Capacitive loads, such as the input to ADCs, will decrease the amplifier’s phase margin, which may cause
high-frequency peaking or oscillations. Capacitive loads
× 2 pF should be isolated by connecting a small resistor
in series with the output as shown in Figure 40. Increasing the gain from +2 will improve the capacitive drive
capabilities due to increased phase margin.
OPA688
C
L
R
L
R
S
V
O
R L is optional
Figure 40. Driving Capacitive Loads
In general, capacitive loads should be minimized for optimum high-frequency performance. The capacitance
of coax cable (29 pF/foot for RG-58) will not load the amplifier when the coaxial cable, or transmission line, is
terminated in its characteristic impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com