Electronic Components Datasheet Search
  English  ▼

X  

OPA688MJD Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA688MJD
Description  UNITY-GAIN-STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA688MJD Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA688MJD Datasheet HTML 3Page - Texas Instruments OPA688MJD Datasheet HTML 4Page - Texas Instruments OPA688MJD Datasheet HTML 5Page - Texas Instruments OPA688MJD Datasheet HTML 6Page - Texas Instruments OPA688MJD Datasheet HTML 7Page - Texas Instruments OPA688MJD Datasheet HTML 8Page - Texas Instruments OPA688MJD Datasheet HTML 9Page - Texas Instruments OPA688MJD Datasheet HTML 10Page - Texas Instruments OPA688MJD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
OPA688M
UNITY GAINSTABLE WIDEBAND
VOLTAGE LIMITING AMPLIFIER
SGLS144B − APRIL 2003 − DECEMBER 2006
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
12
9
6
3
0
−3
−6
−9
−12
−15
−18
FREQUENCY RESPONSE
Frequency (Hz)
1M
10M
100M
1G
V O = 0.2Vp−p
G = +1, R C = ∞ , R F = 25 Ω
G = +1, R C = 175 Ω , R F = 25 Ω
G = +2, R C = ∞
R
F
R
S
150
Ω
R
G
R
C
V
O
V
IN
G = +5, R C = ∞
Figure 2
6
3
0
−3
−6
−9
−12
−15
−18
−21
−24
FREQUENCY RESPONSE
Frequency (Hz)
1M
10M
100M
1G
V O = 0.2Vp−p
G = −2
G = − 5
G = − 1
Figure 3
SMALL−SIGNAL PULSE RESPONSE
Time (5ns/div)
V O = 0.2Vp−p
0.25
0.20
0.15
0.10
0.05
0
− 0.05
− 0.10
− 0.15
− 0.20
− 0.25
Figure 4
LARGE−SIGNAL PULSE RESPONSE
Time (5ns/div)
V O = 4Vp−p
V H =− V L = 2.5V
2.5
2.0
1.5
1.0
0.5
0
− 0.5
− 1.0
− 1.5
− 2.0
− 2.5
Figure 5
V H − LIMITED PULSE RESPONSE
V O
2.5
2.0
1.5
1.0
0.5
0
− 0.5
− 1.0
− 1.5
− 2.0
− 2.5
Time (20ns/div)
VIN
G= +2
V H = +2V
Figure 6
V L Ñ LIMITED PULSE RESPONSE
2.5
2.0
1.5
1.0
0.5
0
− 0.5
− 1.0
− 1.5
− 2.0
− 2.5
Time (20ns/div)
V O
V IN
G = +2
V L = −2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com