Electronic Components Datasheet Search
  English  ▼

X  

OPA689M Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA689M
Description  GAIN 4 STABLE WIDEBAND VOLTAGE-LIMITING AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA689M Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA689M Datasheet HTML 4Page - Texas Instruments OPA689M Datasheet HTML 5Page - Texas Instruments OPA689M Datasheet HTML 6Page - Texas Instruments OPA689M Datasheet HTML 7Page - Texas Instruments OPA689M Datasheet HTML 8Page - Texas Instruments OPA689M Datasheet HTML 9Page - Texas Instruments OPA689M Datasheet HTML 10Page - Texas Instruments OPA689M Datasheet HTML 11Page - Texas Instruments OPA689M Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
www.ti.com
HARMONIC DISTORTION vs FREQUENCY
−40
−45
−50
−55
−60
−65
−70
−75
−80
−80
−90
HD2
HD3
V O = 2Vp-p
R
L = 500
Ω
Frequency (Hz)
1M
10M
20M
HARMONIC DISTORTION NEAR LIMIT VOLTAGES
Limit Voltage (V)
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
V O = 0 V DC 1 Vp
f 1 = 5 MHz
R L = 500 Ω
HD2
HD3
−40
−45
−50
−55
−60
−65
−70
−75
−80
−80
−90
±
±
2ND HARMONIC DISTORTION vs OUTPUT SWING
Output Swing (Vp−p)
0.1
1.0
5.0
R L = 500 Ω
f
1 = 20MHz
f 1 = 10MHz
f
1 = 1MHz
f
1 = 5MHz
f
1 = 2MHz
−40
−45
−50
−55
−60
−65
−70
−75
−80
−80
−90
3RD HARMONIC DISTORTION vs OUTPUT SWING
Output Swing (Vp−p)
0.1
1.0
5.0
R L = 500 Ω
f 1 = 20MHz
f 1 = 10MHz
f 1 = 5MHz
f 1 = 2MHz
f
1 = 1MHz
−40
−45
−50
−55
−60
−65
−70
−75
−80
−80
−90
HARMONIC DISTORTION vs LOAD RESISTANCE
Load Resistance (
Ω )
50
100
1000
V O = 2 Vp-p
f 1 = 5 MHz
HD2
HD3
−40
−45
−50
−55
−60
−65
−70
−75
−80
−85
−90
21.6
18.6
15.6
12.6
9.6
6.6
3.6
0.6
−2.4
−5.4
−8.4
LARGE SIGNAL FREQUENCY RESPONSE
Frequency (Hz)
0.1
10M
100M
1G
G = +6
≤ 0.5Vp−p
2Vp−p
OPA689M
GAIN +4 STABLE WIDEBAND
VOLTAGE-LIMITING AMPLIFIER
SGLS146B – MARCH 2003 – REVISED DECEMBER 2006
TYPICAL CHARACTERISTICS (continued)
Figure 7.
Figure 8.
Figure 9.
Figure 10.
Figure 11.
Figure 12.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com