Electronic Components Datasheet Search
  English  ▼

X  

OPA689M Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA689M
Description  GAIN 4 STABLE WIDEBAND VOLTAGE-LIMITING AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA689M Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA689M Datasheet HTML 7Page - Texas Instruments OPA689M Datasheet HTML 8Page - Texas Instruments OPA689M Datasheet HTML 9Page - Texas Instruments OPA689M Datasheet HTML 10Page - Texas Instruments OPA689M Datasheet HTML 11Page - Texas Instruments OPA689M Datasheet HTML 12Page - Texas Instruments OPA689M Datasheet HTML 13Page - Texas Instruments OPA689M Datasheet HTML 14Page - Texas Instruments OPA689M Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.ti.com
LARGE−SIGNAL FREQUENCY RESPONSE
0.1
10M
100M
1G
≤ 0.5Vp−p
2Vp−p
21.6
18.6
15.6
12.6
9.6
6.6
3.6
0.6
−2.4
−5.4
−8.4
6
3
0
−24
INVERTING SMALL−SIGNAL
FREQUENCY RESPONSE
Frequency (Hz)
1M
10M
100M
1G
V O = 0.5Vp−p
G = −6
G = −12
G = −4
−3
−6
−9
−12
−15
−18
−21
V H A N D V H− L IM IT E D P U LS E R E S P O N S E
5 . 0
4 . 5
4 . 0
3 . 5
3 . 0
2 . 5
2 . 0
1 . 5
1 . 0
0 . 5
0
T i m e ( 2 0 n s / d i v )
V H = V C M + 1 . 2 V
V L = V C M − 1 . 2 V
V O
V O
V IN
V
I N
V C M = 2 . 5 V
HARMONIC DISTORTION vs FREQUENCY
Frequency (Hz)
1M
10M
20M
V O = 2 Vp-p
R L = 500 Ω
HD2
HD3
−40
−45
−50
−55
−60
−65
−70
−75
−80
−85
−90
HARMONIC DISTORTION NEAR LIMIT VOLTAGES
| Limit Voltages − 2.5 V DC |
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
V O = 2.5V DC 1 Vp
f 1 = 5 MHz
R L = 500 Ω
HD2
HD3
−40
−45
−50
−55
−60
−65
−70
−75
−80
−85
−90
±
OPA689M
GAIN +4 STABLE WIDEBAND
VOLTAGE-LIMITING AMPLIFIER
SGLS146B – MARCH 2003 – REVISED DECEMBER 2006
TYPICAL CHARACTERISTICS (continued)
Figure 25.
Figure 26.
Figure 27.
Figure 28.
Figure 29.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com