Electronic Components Datasheet Search
  English  ▼

X  

OPA699M Datasheet(PDF) 28 Page - Texas Instruments

Part # OPA699M
Description  GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA699M Datasheet(HTML) 28 Page - Texas Instruments

Back Button OPA699M Datasheet HTML 24Page - Texas Instruments OPA699M Datasheet HTML 25Page - Texas Instruments OPA699M Datasheet HTML 26Page - Texas Instruments OPA699M Datasheet HTML 27Page - Texas Instruments OPA699M Datasheet HTML 28Page - Texas Instruments OPA699M Datasheet HTML 29Page - Texas Instruments OPA699M Datasheet HTML 30Page - Texas Instruments OPA699M Datasheet HTML 31Page - Texas Instruments OPA699M Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
www.ti.com
R
G
R
F
R
S
OPA699
I
BI
E
O
I
BN
E
RS
E
NI
4kT
R
G
4kT = 1.6E -20J
at 290 K
4kTR
F
S0049-02
4kTR
S
E
O +
E
NI
2
) IBNRS
2
) 4kTRS NG
2 ) IBIRF
2
) 4kTRFNG
(7)
E
N +
E
NI
2
) IBNRS
2
) 4kTRS )
I
BI
R
F
NG
2
)
4kTR
F
NG
(8)
DC-Accurracy and Offset Control
OPA699M
SGLS289A – MAY 2005 – REVISED MARCH 2006
Figure 62. Op Amp Noise Analysis Model
The total output spot noise voltage can be computed as the square root of the sum of all squared output noise
voltage contributors. Equation 7 shows the general form for the output noise voltage using the terms shown in
Figure 62.
Dividing this expression by the noise gain [NG = (1+RF/RG)] gives the equivalent input-referred spot noise
voltage at the noninverting input, as shown in Equation 8.
Evaluating these two equations for the OPA699 circuit and component values (see Figure 47) gives a total output
spot noise voltage of 27.4 nV/
√Hz and a total equivalent input spot noise voltage of 4.6 nV/√Hz. This total
input-referred spot noise voltage is only slightly higher than the 4.1-nV/
√Hz specification for the op amp voltage
noise alone. This is the case as long as the impedances appearing at each op amp input are limited to a
maximum value of 300
Ω. Keeping both (R
F || RG) and the noninverting input source impedance less than 300 Ω
satisfies both noise and frequency response flatness considerations. Since the resistor-induced noise is
negligible, additional capacitive decoupling across the bias current cancellation resistor (RT) for the inverting op
amp configuration of Figure 49 is not required, but is still desirable.
The balanced input stage of a wideband voltage feedback op amp allows good output dc accuracy in a large
variety of applications. The power-supply current trim for the OPA699 gives even tighter control than comparable
products. Although the high-speed input stage does require relatively high input bias current (typically 3 µA at
each input terminal), the close matching between them may be used to reduce the output dc error caused by this
current. The total output offset voltage may be considerably reduced by matching the dc source resistances
appearing at the two inputs. This reduces the output dc error due to the input bias currents to the offset current
times the feedback resistor. Evaluating the configuration of Figure 47, using worst-case +25°C input offset
voltage and current specifications, gives a worst-case output offset voltage, with NG = noninverting signal gain,
equal to:
±[NG × VIO(MAX)] ± [RF × IIO(MAX)]
= ±(2 × 8 mV) ± (750
Ω × 3 µA)
= ±18.3 mV
28
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com