Electronic Components Datasheet Search
  English  ▼

X  

OPA699M Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA699M
Description  GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA699M Datasheet(HTML) 4 Page - Texas Instruments

  OPA699M Datasheet HTML 1Page - Texas Instruments OPA699M Datasheet HTML 2Page - Texas Instruments OPA699M Datasheet HTML 3Page - Texas Instruments OPA699M Datasheet HTML 4Page - Texas Instruments OPA699M Datasheet HTML 5Page - Texas Instruments OPA699M Datasheet HTML 6Page - Texas Instruments OPA699M Datasheet HTML 7Page - Texas Instruments OPA699M Datasheet HTML 8Page - Texas Instruments OPA699M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
www.ti.com
OPA699M
SGLS289A – MAY 2005 – REVISED MARCH 2006
ELECTRICAL CHARACTERISTICS (continued)
V
S = ±5 V, VICM = 0 V, RL = 500 Ω, limiter pins open (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
Operating voltage (VS)
±5
±6
V
TA = 25°C
15
15.5
16
Quiescent current (IS)
mA
TA = Full range
13.5
18
TA = 25°C
65
76
Input referred,
ower supply rejection ratio (PSRR)
dB
VS = ±4.5 V to ±5.5 V
TA = Full range
60
OUTPUT VOLTAGE LIMITERS (PINS 5 AND 8)
TA = 25°C
±3.3
±3.6
Default output limited voltage
Limiter pins open
V
TA = Full range
±3
Limiter output offset voltage
(VO– VH) or (VO– VL)
TA = Full range
±15
±50
mV
TA = 25°C
40
55
65
Limiter input bias current magnitude(4)
VO = 0 V
µA
TA = Full range
35
70
3.4
M
Ω
Limiter input impedance
1
pF
Limiter feedthrough(5)
f = 5 MHz
–60
dB
Maximum limiter voltage
±4.3
V
Minimum limiter voltage separation
400
mV
Op amp bias current shift(2)
3
µA
Limiter small signal bandwidth
VI = ±2 V, VO < 0.02 Vp-p
600
MHz
Limter slew rate(6)
125
V/µs
Limiter step response, overshoot
VI = ±2 V
250
mV
Limiter step response, recovery time
VI = ±2 V
1
ns
Linearity guardband(7)
VO = 2 Vp-p, f = 5 MHz
30
mV
(4)
IVH (VH bias current) is positive and IVL (VL bias current) is negative, under these conditions. See Note 2, Figure 47, and Figure 58.
(5)
Limiter feedthrough is the ratio of the output magnitude to the sinewave added to VH (or VL) when VIN = 0.
(6)
VH slew rate conditions are: VIN = +0.7 V, G = +6, VL = -2 V, VH = step between 2 V and 0 V. VL slew rate conditions are similar.
(7)
Linearity Guardband is defined for an output sinusoid (f = 1 MHz, VO = 2 Vp-p) centered between the limiter levels (VH and VL). It is the
difference between the limiter level and the peak output voltage where SFDR decreases by 3 dB (see Figure 59).
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com