Electronic Components Datasheet Search
  English  ▼

X  

PCM1602APT Datasheet(PDF) 19 Page - Texas Instruments

Part # PCM1602APT
Description  24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1602APT Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCM1602APT Datasheet HTML 15Page - Texas Instruments PCM1602APT Datasheet HTML 16Page - Texas Instruments PCM1602APT Datasheet HTML 17Page - Texas Instruments PCM1602APT Datasheet HTML 18Page - Texas Instruments PCM1602APT Datasheet HTML 19Page - Texas Instruments PCM1602APT Datasheet HTML 20Page - Texas Instruments PCM1602APT Datasheet HTML 21Page - Texas Instruments PCM1602APT Datasheet HTML 22Page - Texas Instruments PCM1602APT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
INC = 1 (Auto-Increment Read)
INDEX “N”
ML
1
0
0
0
0
0
0
0
X
X
X
X
X
X
X
X
D0
D1
D2
D3
D4
D5
D6
D7
High Impedance
MC
MDI
MDO
INDEX “Y”
ML
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
D0
D1
D2
D3
D4
D5
D6
D7
High Impedance
MC
MDI
MDO
INDEX “N + 1”
D0
D1
D2
D3
D4
D5
D6
D7
INC = 0 (Single-Register Read)
INDEX “N”
ML
1
0
0
0
0
0
0
0
X
X
X
X
X
X
X
X
D0
D1
D2
D3
D4
D5
D6
D7
High Impedance
MC
MDI
MDO
T0075-01
PCM1602A
www.ti.com
SLES146A – AUGUST 2005 – REVISED OCTOBER 2010
NOTES: X = Don’t care
w
Y = Last register to be read
w
In single-register read (INC = 0), the index which indicates the register to be read in read operation can be set by
REG[6:0] in register 11. For example, setting REG[6:0] = 000 1001b means reading from register 9.
In auto-increment read (INC = 1), the index REG[6:0] indicates the first register to be read. For example, setting
REG[6:0] = 000 1001b means reading registers from 9 to Y. Y is determined by the low-to-high transition of ML in
serial mode control.
Figure 26. Read Operation Timing
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): PCM1602A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com