Electronic Components Datasheet Search
  English  ▼

X  

PCM1609APT Datasheet(PDF) 14 Page - Texas Instruments

Part # PCM1609APT
Description  24-BIT 192-kHz SAMPLING 8-CHANNEL ENHANCED MULTILEVEL DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1609APT Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCM1609APT Datasheet HTML 10Page - Texas Instruments PCM1609APT Datasheet HTML 11Page - Texas Instruments PCM1609APT Datasheet HTML 12Page - Texas Instruments PCM1609APT Datasheet HTML 13Page - Texas Instruments PCM1609APT Datasheet HTML 14Page - Texas Instruments PCM1609APT Datasheet HTML 15Page - Texas Instruments PCM1609APT Datasheet HTML 16Page - Texas Instruments PCM1609APT Datasheet HTML 17Page - Texas Instruments PCM1609APT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
www.ti.com
AUDIO SERIAL INTERFACE
AUDIO DATA FORMATS AND TIMING
PCM1609A
SLES145B – AUGUST 2005 – REVISED MARCH 2008
The audio serial interface for the PCM1609A consists of a 5-wire synchronous serial port. It includes LRCK
(pin 41), BCK (pin 40), DATA1 (pin 45), DATA2 (pin 46), DATA3 (pin 47), and DATA4 (pin 31). BCK is the serial
audio bit clock, and is used to clock the serial data present on DATA1, DATA2, DATA3, and DATA4 into the
audio interface serial shift register. Serial data is clocked into the PCM1609A on the rising edge of BCK. LRCK is
the serial audio left/right word clock. It is used to latch serial data into the serial audio interface internal registers.
Both LRCK and BCK must be synchronous to the system clock. Ideally, it is recommended that LRCK and BCK
be derived from the system clock input, SCKI. LRCK is operated at the sampling frequency (fS). BCK can be
operated at 32, 48, or 64 times the sampling frequency (I2S format does not support BCK = 32 fS).
Internal operation of the PCM1609A is synchronized with LRCK. Accordingly, internal operation of the device is
suspended when the sampling rate clock (LRCK) is changed, or when SCKI and/or BCK is interrupted at least for
a 3-bit clock cycle. If SCKI, BCK, and LRCK are provided continuously after this suspended state, the internal
operation is resynchronized automatically within a period of less than 3/fS. During this resynchronization period
and for a 3/fS time thereafter, the analog outputs are forced to the bipolar zero level, VCC/2. External resetting is
not required.
The PCM1609A supports industry-standard audio data formats, including standard, I2S, and left-justified (see
Figure 22). Data formats are selected using the format bits, FMT[2:0], in register 9. The default data format is
24-bit standard. All formats require binary 2s complement, MSB-first audio data. See Figure 23 for a detailed
timing diagram of the serial audio interface.
DATA1, DATA2, DATA3, and DATA4 each carry two audio channels, designated as the left and right channels.
The left-channel data always precedes the right-channel data in the serial data stream for all data formats.
Table 2 shows the mapping of the digital input data to the analog output pins.
14
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1609A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com