Electronic Components Datasheet Search
  English  ▼

X  

PCM1723 Datasheet(PDF) 2 Page - Texas Instruments

Part # PCM1723
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER With Programmable PLL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1723 Datasheet(HTML) 2 Page - Texas Instruments

  PCM1723 Datasheet HTML 1Page - Texas Instruments PCM1723 Datasheet HTML 2Page - Texas Instruments PCM1723 Datasheet HTML 3Page - Texas Instruments PCM1723 Datasheet HTML 4Page - Texas Instruments PCM1723 Datasheet HTML 5Page - Texas Instruments PCM1723 Datasheet HTML 6Page - Texas Instruments PCM1723 Datasheet HTML 7Page - Texas Instruments PCM1723 Datasheet HTML 8Page - Texas Instruments PCM1723 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
PCM1723
2
SBAS057A
www.ti.com
PIN
NAME
TYPE
FUNCTION
1
XTI
IN
Master Clock Input.
2
SCKO
OUT
System Clock Out. This output is 256fS or 384fS.
system clock generated by the internal PLL.
3VCP
PWR
PLL Power Supply (+5V).
4
NC
N/A
No connection.
5
MCKO
Out
Buffered clock output of crystal oscillator.
6(1)
ML
IN
Latch for serial control data.
7(1)
MC
IN
Clock for serial control data.
8(1)
MD
IN
Data for serial control.
9(1)
RSTB
IN
Reset Input. When this pin is low, the digital
filters and modulators are held in reset.
10
ZERO
OUT
Zero Data Flag. This pin is low when the input
data is continuously zero for more than 65, 535
cycles of BCKIN.
11
VOUTR
OUT
Right Channel Analog Output.
12
AGND
GND
Analog Ground.
13
VCC
PWR
Analog Power Supply (+5V).
14
VOUTL
OUT
Left Channel Analog Output.
15
CAP
Common pin for analog output amplifiers.
16(2)
BCKIN
IN
Bit clock for clocking in the audio data.
17(2)
DIN
IN
Serial audio data input.
18(2)
LRCIN
IN
Left/Right Word Clock. Frequency is equal to fS.
19
NC
N/A
No connection.
20
RES
N/A
Reserved for factory use, do not connect.
21
VDD
PWR
Analog Power Supply (+5V).
22
DGND
GND
Digital Ground.
23
PGND
GND
PLL Ground.
24
XTO
Out
Crystal oscillator output.
NOTES: (1) Schmitt trigger input with internal pull-up resistors.
(2) Schmitt triger input.
PIN ASSIGNMENTS
PIN CONFIGURATION
TOP VIEW
SSOP
PACKAGE INFORMATION(1)
PACKAGE
PRODUCT
PACKAGE
DESIGNATOR
PCM1723E
24-Pin SSOP
DB
NOTE: (1) For the most current package and ordering information, see the
Package Option Addendum at the end of this data sheet, or see the TI web
site at www.ti.com
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply Voltage ...................................................................... +6.5V
+VCC to +VDD Difference ................................................................... ±0.1V
Input Logic Voltage .................................................. –0.3V to (VDD + 0.3V)
Input Current (except power supply) ...............................................
±10mA
Power Dissipation .......................................................................... 530mW
Operating Temperature Range ......................................... –25
°C to +85°C
Storage Temperature ...................................................... –55
°C to +125°C
Lead Temperature (soldering, 5s) .................................................. +260
°C
Thermal Resistance,
θ
JA ....................................................................................... +70°C/W
NOTE: (1) Stresses above those listed under Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
XTI
SCKO
V
CP
NC
MCKO
ML
MC
MD
RSTB
ZERO
V
OUTR
AGND
XTO
PGND
DGND
V
DD
RES
NC
LRCIN
DIN
BCKIN
CAP
V
OUTL
V
CC
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause
damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com