Electronic Components Datasheet Search
  English  ▼

X  

PCM1723 Datasheet(PDF) 11 Page - Texas Instruments

Part # PCM1723
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER With Programmable PLL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1723 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM1723 Datasheet HTML 7Page - Texas Instruments PCM1723 Datasheet HTML 8Page - Texas Instruments PCM1723 Datasheet HTML 9Page - Texas Instruments PCM1723 Datasheet HTML 10Page - Texas Instruments PCM1723 Datasheet HTML 11Page - Texas Instruments PCM1723 Datasheet HTML 12Page - Texas Instruments PCM1723 Datasheet HTML 13Page - Texas Instruments PCM1723 Datasheet HTML 14Page - Texas Instruments PCM1723 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
PCM1723
11
SBAS057A
www.ti.com
B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0
ML (pin 6)
MC (pin 7)
MD (pin 8)
FIGURE 8. Three-Wire Serial Interface.
FIGURE 9. Program Register Input Timing.
APPLICATION
CONSIDERATIONS
DELAY TIME
There is a finite delay time in delta-sigma converters. In
analog-to-digital converters (ADCs), this is commonly re-
ferred to as latency. For a delta-sigma DAC, delay time is
determined by the order number of the FIR filter stage, and
the chosen sampling rate. The following equation expresses
the delay time of PCM1723:
tD = 11.125 x 1/fS
For fS = 44.1kHz, tD = 11.125/44.1kHz = 251.4µs
Applications using data from a disc or tape source, such as
CD audio, CD-Interactive, Video CD, DAT, Minidisc, etc.,
generally are not affected by delay time. For some profes-
sional applications such as broadcast audio for studios, it is
important for total delay time to be less than 2ms.
OUTPUT FILTERING
For testing purposes all dynamic tests are done on the
PCM1723 using a 20kHz low-pass filter. This filter limits
the measured bandwidth for THD+N, etc. to 20kHz. Failure
to use such a filter will result in higher THD+N and lower
SNR and Dynamic Range readings than are found in the
specifications. The low-pass filter removes out of band
noise. Although it is not audible, it may affect dynamic
specification numbers.
MC Pulse Cycle Time
tMCY
100ns (min)
MC Pulse Width LOW
tMCL
50ns (min)
MC Pulse Width HIGH
tMCH
50ns (min)
MD Setup Time
tMDS
30ns (min)
MD Hold Time
tMDH
30ns (min)
ML Low Level Time
tMLL
30ns + 1SYSCLK (min)
ML High Level Time
tMLH
30ns + 1SYSCLK (min)
ML Setup Time
tMLS
30ns (min)
ML Hold Time
tMHH
30ns (min)
SYSCLK: 1/256fS or 1/384fS
1.4V
1.4V
1.4V
ML
MC
MD
t
MLL
t
MHH
t
MCH
t
MCL
t
MDS
t
MCY
t
MLS
t
MLH
t
MDH
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com