Electronic Components Datasheet Search
  English  ▼

X  

3087 Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # 3087
Description  ISA 2-Port RS-232, RS-422, RS-485 Serial Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

3087 Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  3087 Datasheet HTML 1Page - Sealevel Systems, Inc. 3087 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISA 2-Port RS-232, RS-422, RS-485 Serial Interface
The 3087 ISA serial interface provides two RS-232, RS-422, or RS-485 Asynchronous links to data collection and other devices. Fully
independent operation of ports allows the configuration of the 3087 with either two RS-232 ports, two RS-422, RS-485 ports or with
a combination of one RS-232 port and one RS-422, RS-485 port. Extended AT interrupts allow multiple serial ports to be assigned to
different IRQ lines.
Note: This item has a minimum order quantity (MOQ) of 25 units. Please contact your sales representative with any questions.
Part: 3087 | Model: COMM+2/EX
WORLD CL AS S . A MERICAN M ADE.
Delivering Design & Manufacturing Excellence Since 1986


Similar Part No. - 3087

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3087 KR-3087 Datasheet
106Kb / 3P
30 MHz Bandpass Filter
logo
PHOENIX CONTACT
3087 PHOENIX-3087 Datasheet
1Mb / 9P
FL SWITCH SF
logo
Heyco.
3087 HEYCO-3087 Datasheet
117Kb / 1P
Pry Out Plugs
logo
Abbatron All Rights Res...
3087 ABBATRON-3087 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results

Similar Description - 3087

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
logo
Exar Corporation
SP336EEY-L-TR EXAR-SP336EEY-L-TR Datasheet
1Mb / 30P
3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER
SP336EEY-0A-EB EXAR-SP336EEY-0A-EB Datasheet
1Mb / 30P
3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
logo
Moxa Inc.
5200 MOXA-5200 Datasheet
3Mb / 8P
2-port RS-232/422/485 serial device servers
5200A MOXA-5200A Datasheet
3Mb / 7P
2-port RS-232/422/485 serial device servers
logo
WAGO Kontakttechnik Gmb...
753-652 WAGO-753-652 Datasheet
610Kb / 12P
RS-232/485 Serial Interface
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com