Electronic Components Datasheet Search
  English  ▼

X  

3087 Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # 3087
Description  ISA 2-Port RS-232, RS-422, RS-485 Serial Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

3087 Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  3087 Datasheet HTML 1Page - Sealevel Systems, Inc. 3087 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
ISA 2-Port RS-232, RS-422, RS-485 Serial Interface
Part: 3087 | Model: COMM+2/EX
Features
• RS-485 two or four wire operation
• Individually selectable interrupts (2-5, 7, 10-12 and 15)
• Windows Auto RS-485 driver software included
• Selectable address including COM1COM4 and any I/0 address up to
3FF Hex
sealevel.com
+1 864.843.4343
SL9666 H22
Specifications
Communications Chip
16550
Electrical Interface
RS-232, RS-422, RS-485
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
Host Interface(s)
ISA
Max Data Distance
4000 feet
Max Data Rate
115.2K bps
Operating
Temperature
0°C to 70°C (32°F to 158°F)
# of Ports
2
RS-485 Operation
Full Duplex (4 wire) Half Duplex (2 wire)
Serial Connector(s)
DB9M
Storage Temperature
-50°C to 105°C (-58°F to 221°F)
UART Series
550 UART



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com