Electronic Components Datasheet Search
  English  ▼

X  

PCM1741 Datasheet(PDF) 4 Page - Texas Instruments

Part # PCM1741
Description  3.3V Single-Supply, 24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1741 Datasheet(HTML) 4 Page - Texas Instruments

  PCM1741 Datasheet HTML 1Page - Texas Instruments PCM1741 Datasheet HTML 2Page - Texas Instruments PCM1741 Datasheet HTML 3Page - Texas Instruments PCM1741 Datasheet HTML 4Page - Texas Instruments PCM1741 Datasheet HTML 5Page - Texas Instruments PCM1741 Datasheet HTML 6Page - Texas Instruments PCM1741 Datasheet HTML 7Page - Texas Instruments PCM1741 Datasheet HTML 8Page - Texas Instruments PCM1741 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
PCM1741
4
SBAS175
BLOCK DIAGRAM
PIN ASSIGNMENTS
PIN
NAME
TYPE
FUNCTION
1
BCK
IN
Audio Data Bit Clock Input.(1)
2
DATA
IN
Audio Data Digital Input.(1)
3
LRCK
IN
L-Channel and R-Channel Audio Data Latch En-
able Input.(1)
4
DGND
–
Digital Ground
5VDD
–
Digital Power Supply, +3.3V
6VCC
–
Analog Power Supply, +3.3V
7VOUTL
OUT
Analog Output for L-Channel.
8VOUTR
OUT
Analog Output for R-Channel.
9
AGND
–
Analog Ground
10
VCOM
–
Common Voltage Decoupling.
11
ZEROR/
OUT
Zero Flag Output for R-Channel/Zero Flag Output
ZEROA
for L/R-Channel.
12
ZEROL/NA
OUT
Zero Flag Output for L-Channel/No Assign.
13
MD
IN
Mode Control Data Input.(2)
14
MC
IN
Mode Control Clock Input.(2)
15
ML
IN
Mode Control Latch Input.(2)
16
SCK
IN
System Clock Input.
NOTES: (1) Schmitt-trigger input, 5V tolerant. (2) Schmitt-trigger with internal
pull-down, 5V tolerant.
PIN CONFIGURATION
TOP VIEW
SSOP
Audio
Serial
Port
Output Amp and
Low-Pass Filter
DAC
8x
Oversampling
Digital Filter
with
Function
Controller
Enhanced
Multilevel
Delta-Sigma
Modulator
Output Amp and
Low-Pass Filter
DAC
BCK
LRCK
DATA
ML
MC
MD
Serial
Control
Port
System Clock
Manager
Zero Detect
Power Supply
V
OUTL
V
COM
V
OUTR
SCK
System Clock
BCK
DATA
LRCK
DGND
V
DD
V
CC
V
OUTL
V
OUTR
SCK
ML
MC
MD
ZEROL/NA
ZEROR/ZEROA
V
COM
AGND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PCM1741



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com