Electronic Components Datasheet Search
  English  ▼

X  

PCM1741 Datasheet(PDF) 8 Page - Texas Instruments

Part # PCM1741
Description  3.3V Single-Supply, 24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1741 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM1741 Datasheet HTML 4Page - Texas Instruments PCM1741 Datasheet HTML 5Page - Texas Instruments PCM1741 Datasheet HTML 6Page - Texas Instruments PCM1741 Datasheet HTML 7Page - Texas Instruments PCM1741 Datasheet HTML 8Page - Texas Instruments PCM1741 Datasheet HTML 9Page - Texas Instruments PCM1741 Datasheet HTML 10Page - Texas Instruments PCM1741 Datasheet HTML 11Page - Texas Instruments PCM1741 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
PCM1741
8
SBAS175
SYSTEM CLOCK AND RESET
FUNCTIONS
SYSTEM CLOCK INPUT
The PCM1741 requires a system clock for operating the
digital interpolation filters and multilevel delta-sigma modu-
lators. The system clock is applied at the SCK input (pin 16).
Table I shows examples of system clock frequencies for
common audio sampling rates.
Figure 1 shows the timing requirements for the system clock
input. For optimal performance, it is important to use a clock
source with low phase jitter and noise. The PLL1700 multi-
clock generator from Texas Instruments is an excellent choice
for providing the PCM1741 system clock.
POWER-ON RESET FUNCTIONS
The PCM1741 includes a power-on reset function, as shown in
Figure 2. With the system clock active, and VDD > 2.0V (typical
1.6V to 2.4V), the power-on reset function will be enabled. The
initialization sequence requires 1024 system clocks from the
time VDD > 2.0V. After the initialization period, the PCM1741
will be set to its reset default state, as described in the Mode
Control Register section of this data sheet.
During the reset period (1024 system clocks), the analog
outputs are forced to the bipolar zero level, or VCC/2. After
the reset period, the internal register is initialized in the next
1/fS period and, if SCK, BCK, and LRCK are provided
continuously, the PCM1741 provides proper analog output
with unit group delay against the input data.
FIGURE 1. System Clock Input Timing.
SAMPLING
FREQUENCY
256fS
384fS
512fS
768fS
8kHz
2.0480
3.0720
4.0960
6.1440
16kHz
4.0960
6.1440
8.1920
12.2880
32kHz
8.1920
12.2880
16.3840
24.5760
44.1kHz
11.2896
16.9344
22.5792
33.8688
48kHz
12.2880
18.4320
24.5760
36.8640
88.2kHz
22.5792
33.8688
45.1584
See Note (1)
96kHz
24.5760
36.8640
49.1520
See Note (1)
NOTE: (1) The 768fS system clock rate is not supported for fS > 64kHz.
TABLE I. System Clock Rates for Common Audio Sampling Frequencies.
SYSTEM CLOCK FREQUENCY (fSCLK) (MHz)
FIGURE 2. Power-On Reset Timing.
1024 System Clocks
Reset
Reset Removal
V
DD
Internal Reset
2.4V
2.0V
1.6V
0V
System Clock
Don't Care
t
SCKH
t
SCKL
2.0V
0.8V
System Clock
System clock pulse
cycle time(1)
“H”
“L”
System Clock Pulse Width HIGH t
SCKH: 7ns (min)
System Clock Pulse Width LOW t
SCKL: 7ns (min)
NOTE: (1) 1/256f
S, 1/384fS, 1/512fS, and 1/768fS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com