Electronic Components Datasheet Search
  English  ▼

X  

PCM1741E Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM1741E
Description  3.3V Single-Supply, 24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1741E Datasheet(HTML) 3 Page - Texas Instruments

  PCM1741E Datasheet HTML 1Page - Texas Instruments PCM1741E Datasheet HTML 2Page - Texas Instruments PCM1741E Datasheet HTML 3Page - Texas Instruments PCM1741E Datasheet HTML 4Page - Texas Instruments PCM1741E Datasheet HTML 5Page - Texas Instruments PCM1741E Datasheet HTML 6Page - Texas Instruments PCM1741E Datasheet HTML 7Page - Texas Instruments PCM1741E Datasheet HTML 8Page - Texas Instruments PCM1741E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
PCM1741
3
SBAS175
ANALOG FILTER PERFORMANCE
Frequency Response
f = 20kHz
–0.03
dB
f = 44kHz
–0.20
dB
POWER SUPPLY REQUIREMENTS(4)
Voltage Range, VDD
+2.7
+3.3
+3.6
VDC
VCC
+2.7
+3.0
+3.6
VDC
Supply Current, IDD
fS = 44.1kHz
6.0
10
mA
fS = 96kHz
13.0
mA
ICC
fS = 44.1kHz
7.0
11
mA
fS = 96kHz
7.0
mA
Power Dissipation
fS = 44.1kHz
43
88
mW
fS = 96kHz
66
mW
TEMPERATURE RANGE
Operation Temperature
–25
+85
°C
Thermal Resistance
θ
JA
SSOP-16
115
°C/W
NOTES: (1) Pins 1, 2, 3, 16 (SCK, BCK, LRCK, DATA). (2) Pins 13-15 (MD, MC, ML). (3) Pins 11, 12 (ZEROR, ZEROL). (4) Analog performance specifications
are tested with a Shibasoku #725 THD Meter with 400Hz HPF on, 30kHz LPF on, and an average mode with 20kHz bandwidth limiting. The load connected
to the analog output is 5k
Ω or larger, via capacitive coupling.
SPECIFICATIONS (Cont.)
All specifications at TA = +25°C, VCC = 5.0V, VDD = 3.3V, system clock = 384fS (fS = 44.1kHz), and 24-bit data, unless otherwise noted.
PCM1741E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
Power Supply Voltage, VDD .............................................................. +4.0V
VCC .............................................................. +6.5V
Ground Voltage Differences ..............................................................
±0.1V
Digital Input Voltage ................................................ –0.3V to (6.5V + 0.3V)
Input Current (except power supply) ...............................................
±10mA
Ambient Temperature Under Bias .................................. –40
°C to +125°C
Storage Temperature ...................................................... –55
°C to +150°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 5s) ................................................. +260
°C
Package Temperature (IR reflow, 10s) .......................................... +235
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
PCM1741E
SSOP-16
322
–25
°C to +85°C
PCM1741E
PCM1741E
Rails
""
"
"
"
PCM1741E/2K
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K indicates 2000 devices per reel). Ordering 2000 pieces
of “PCM1741E/2K” will yield a single 2000-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com