Electronic Components Datasheet Search
  English  ▼

X  

PCM1741E Datasheet(PDF) 13 Page - Texas Instruments

Part # PCM1741E
Description  3.3V Single-Supply, 24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1741E Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM1741E Datasheet HTML 9Page - Texas Instruments PCM1741E Datasheet HTML 10Page - Texas Instruments PCM1741E Datasheet HTML 11Page - Texas Instruments PCM1741E Datasheet HTML 12Page - Texas Instruments PCM1741E Datasheet HTML 13Page - Texas Instruments PCM1741E Datasheet HTML 14Page - Texas Instruments PCM1741E Datasheet HTML 15Page - Texas Instruments PCM1741E Datasheet HTML 16Page - Texas Instruments PCM1741E Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
PCM1741
13
SBAS175
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 19
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
DMF1
DMF0
DM12
RSV
RSV
DAC2
DAC1
DACx
DAC Operation Control
where x = 1 or 2, corresponding to the DAC output VOUTL (x = 1) or VOUTR (x = 2).
Default Value: 0
DACx = 0
DAC Operation Enabled (default)
DACx = 1
DAC Operation Disabled
The DAC operation controls are used to enable and disable the DAC outputs, VOUTL and VOUTR. When
DACx = 0, the corresponding output will generate the audio waveform dictated by the data present on the
DATA pin. When DACx = 1, the corresponding output will be set to the bipolar zero level, or VCC/2.
DM12
Digital De-Emphasis Function Control
Default Value: 0
DM12 = 0
De-Emphasis Disabled (default)
DM12 = 1
De-Emphasis Enabled
The DM12 bit is used to enable or disable the Digital De-Emphasis function. Refer to the Typical Performance
Curves of this data sheet for more information.
DMF[1:0]
Sampling Frequency Selection for the De-Emphasis Function
Default Value: 00
DMF[1:0]
De-Emphasis Same Rate Selection
00
44.1kHz (default)
01
48kHz
10
32kHz
11
Reserved
The DMF[1:0] bits are used to select the sampling frequency used for the Digital De-Emphasis function when
it is enabled.
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 20
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
FLT
RSV
RSV
FMT2
FMT1
FMT0
FMT[2:0]
Audio Interface Data Format
Default Value: 101
The FMT[2:0] bits are used to select the data format for the serial audio interface. The following table shows
the available format options.
FMT[2:0]
Audio Data Format Selection
000
24-Bit Standard Format, Right-Justified Data
001
20-Bit Standard Format, Right-Justified Data
010
18-Bit Standard Format, Right-Justified Data
011
16-Bit Standard Format, Right-Justified Data
100
I2S Format, 16- to 24-bits
101
Left-Justified Format, 16- to 24-Bits (default)
110
Reserved
111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com