Electronic Components Datasheet Search
  English  ▼

X  

PCM1792DB.B Datasheet(PDF) 39 Page - Texas Instruments

Part # PCM1792DB.B
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1792DB.B Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCM1792DB.B Datasheet HTML 35Page - Texas Instruments PCM1792DB.B Datasheet HTML 36Page - Texas Instruments PCM1792DB.B Datasheet HTML 37Page - Texas Instruments PCM1792DB.B Datasheet HTML 38Page - Texas Instruments PCM1792DB.B Datasheet HTML 39Page - Texas Instruments PCM1792DB.B Datasheet HTML 40Page - Texas Instruments PCM1792DB.B Datasheet HTML 41Page - Texas Instruments PCM1792DB.B Datasheet HTML 42Page - Texas Instruments PCM1792DB.B Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
PCM1792
SLES069B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
39
Application for Interfacing With an External Digital Filter
For some applications, it may be desirable to use an external digital filter to perform the interpolation function, as it
can provide improved stop-band attenuation when compared to the internal digital filter of the PCM1792.
The PCM1792 supports several external digital filters, including:
D Texas Instruments DF1704 and DF1706
D Pacific Microsonics PMD200 HDCD filter/decoder IC
D Programmable digital signal processors
The external digital filter application mode is accessed by programming the following bits in the corresponding control
register:
D DFTH = 1 (register 20)
The pins used to provide the serial interface for the external digital filter are shown in the connection diagram of
Figure 40. The word (WDCK) signal must be operated at 8
× or 4× the desired sampling frequency, fS.
System Clock (SCK) and Interface Timing
The PCM1792 in an application using an external digital filter requires the synchronization of WDCK and the system
clock. The system clock is phase-free with respect to WDCK. Interface timing among WDCK, BCK, DATAL, and
DATAR is shown in Figure 42.
Audio Format
The PCM1792 in the external digital filter interface mode supports right-justified audio formats including 16-bit, 20-bit,
and 24-bit audio data, as shown in Figure 41. The audio format is selected by the FMT[2:0] bits of control register
18.
MSB
LSB
16
BCK
DATA
1/4 fS or 1/8 fS
DATA
DATA
WDCK
Audio Data Word = 16-Bit
Audio Data Word = 20-Bit
Audio Data Word = 24-Bit
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
16
15
MSB
LSB
16
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
20
19
20
17 18 19
MSB
LSB
16
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
24
23
20
17 18 19
24
21 22 23
Figure 41. Audio Data Input Format for External Digital Filter (Internal DF Bypass Mode) Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com