Electronic Components Datasheet Search
  English  ▼

X  

PCM1792DB.B Datasheet(PDF) 49 Page - Texas Instruments

Part # PCM1792DB.B
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1792DB.B Datasheet(HTML) 49 Page - Texas Instruments

Back Button PCM1792DB.B Datasheet HTML 45Page - Texas Instruments PCM1792DB.B Datasheet HTML 46Page - Texas Instruments PCM1792DB.B Datasheet HTML 47Page - Texas Instruments PCM1792DB.B Datasheet HTML 48Page - Texas Instruments PCM1792DB.B Datasheet HTML 49Page - Texas Instruments PCM1792DB.B Datasheet HTML 50Page - Texas Instruments PCM1792DB.B Datasheet HTML 51Page - Texas Instruments PCM1792DB.B Datasheet HTML 52Page - Texas Instruments PCM1792DB.B Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
PCM1792
SLES069B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
49
58 BCK
Command Field
DID
LRCK
BCK
DI
DCO1
DCI2
Device ID = 1
Device ID = 2
DCO1
DCO2
DCI3
DCO29
DCI30
Device ID = 3
Device ID = 30
•
•
•
•
•
•
Figure 57. Device ID Determination Sequence
TDMCA Frame
In general, the TDMCA frame consists of the command field, extended command (EMD) field, and audio data fields.
All of them are 32 bits in length, but the lowest byte has no meaning. The MSB is transferred first for each field. The
command field is always transferred as the first packet of the frame. The EMD field is transferred if the EMD flag of
the command field is HIGH. If any EMD packets are transferred, no audio data follows the EMD packets. This frame
is for quick system initialization. All devices of a daisy chain should respond to the command field and extended
command field. The PCM1792 has two audio channels that can be selected by OPE (register 19). If this OPE bit is
not set to HIGH, those audio channels are transferred. Figure 58 shows the general TDMCA frame. If some DACs
are enabled, but corresponding audio data packets are not transferred, the analog outputs are unpredictable.
LRCK
BCK
DI
CMD
EMD
EMD
EMD
CMD
Don’t
Care
EMD
EMD
DO
Ch1
Ch(m)
Ch2
CMD
CMD
Ch2
Ch3
Ch(n)
CMD
Ch1
Ch4
DI
Ch3
Ch4
[For Initialization]
[For Operation]
32 Bits
DO
CMD
CMD
CMD
CMD
CMD
CMD
1/fS
Don’t
Care
Figure 58. General TDMCA Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com