Electronic Components Datasheet Search
  English  ▼

X  

PCM1793 Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM1793
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1793 Datasheet(HTML) 3 Page - Texas Instruments

  PCM1793 Datasheet HTML 1Page - Texas Instruments PCM1793 Datasheet HTML 2Page - Texas Instruments PCM1793 Datasheet HTML 3Page - Texas Instruments PCM1793 Datasheet HTML 4Page - Texas Instruments PCM1793 Datasheet HTML 5Page - Texas Instruments PCM1793 Datasheet HTML 6Page - Texas Instruments PCM1793 Datasheet HTML 7Page - Texas Instruments PCM1793 Datasheet HTML 8Page - Texas Instruments PCM1793 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
PCM1793
SLES076A − MARCH 2003 − REVISED JANUARY 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS (Continued)
all specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, fS = 44.1 kHz, system clock = 256 fS, and 24-bit data, unless otherwise noted
PARAMETER
TEST CONDITIONS
PCM1793DB
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC PERFORMANCE (1)
fS = 44.1 kHz
0.001%
0.002%
THD+N at VOUT = 0 dB
fS = 96 kHz
0.0015%
THD+N at VOUT = 0 dB
fS = 192 kHz
0.003%
EIAJ, A-weighted, fS = 44.1 kHz
110
113
Dynamic range
EIAJ, A-weighted, fS = 96 kHz
113
dB
Dynamic range
EIAJ, A-weighted, fS = 192 kHz
113
dB
EIAJ, A-weighted, fS = 44.1 kHz
110
113
Signal-to-noise ratio
EIAJ, A-weighted, fS = 96 kHz
113
dB
Signal-to-noise ratio
EIAJ, A-weighted, fS = 192 kHz
113
dB
fS = 44.1 kHz
106
110
Channel separation
fS = 96 kHz
110
dB
Channel separation
fS = 192 kHz
109
dB
Level linearity error
VOUT = −120 dB
±1
dB
ANALOG OUTPUT
Gain error
–8
±3
8
% of FSR
Gain mismatch, channel-to-channel
–3
±0.5
3
% of FSR
Bipolar zero error
At BPZ
–2
±0.5
2
% of FSR
Differential output voltage (2)
Full scale (0 dB)
3.2
V p-p
Bipolar zero voltage (2)
At BPZ
1.4
V
Load impedance (2)
R1 = R2
1.7
k
Ω
DIGITAL FILTER PERFORMANCE
De-emphasis error
±0.1
dB
Pass band
±0.002 dB
0.454 fS
Pass band
–3 dB
0.49 fS
Stop band
0.546 fS
Pass-band ripple
±0.002
dB
Stop-band attenuation
Stop band = 0.546 fS
–75
dB
Stop-band attenuation
Stop band = 0.567 fS
–82
dB
Delay time
29/fS
s
(1) Dynamic performance and DC accuracy are specified at the output of the postamplifier as shown in Figure 28. Analog performance specifications
are measured using the System Two
t Cascade audio measurement system by Audio Precisiont in the averaging mode. At all sampling
frequency operations, measurement bandwidth is limited with a 20-kHz AES17 filter.
(2) These parameters are defined at the PCM1793 output pin. Load impedance, R1 and R2, are input resistors of the postamplifier. These are defined
as dc loads.
Audio Precision and System Two are trademarks of Audio Precision, Inc.
Other trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com