Electronic Components Datasheet Search
  English  ▼

X  

PCM1793 Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM1793
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1793 Datasheet(HTML) 5 Page - Texas Instruments

  PCM1793 Datasheet HTML 1Page - Texas Instruments PCM1793 Datasheet HTML 2Page - Texas Instruments PCM1793 Datasheet HTML 3Page - Texas Instruments PCM1793 Datasheet HTML 4Page - Texas Instruments PCM1793 Datasheet HTML 5Page - Texas Instruments PCM1793 Datasheet HTML 6Page - Texas Instruments PCM1793 Datasheet HTML 7Page - Texas Instruments PCM1793 Datasheet HTML 8Page - Texas Instruments PCM1793 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
PCM1793
SLES076A − MARCH 2003 − REVISED JANUARY 2004
www.ti.com
5
Terminal Functions
TERMINAL
I/O
DESCRIPTIONS
NAME
PIN
I/O
DESCRIPTIONS
AGNDC
16
−
Analog ground (internal bias and current DAC)
AGNDF
9
−
Analog ground (DACFF)
AGNDL
19
−
Analog ground (L-channel I/V)
AGNDR
11
−
Analog ground (R-channel I/V)
BCK
2
I
Bit clock input (1)
DATA
3
I
Serial audio data input (1)
DEMP0
24
I
De-emphasis control 0 (1)
DEMP1
25
I
De-emphasis control 1 (1)
DGND
8
−
Digital ground
FMT0
26
I
Audio data format select 0 (1)
FMT1
27
I
Audio data format select 1 (1)
FMT2
28
I
Audio data format select 2 (1)
LRCK
1
I
Left and right clock (fS) input (1)
MUTE
4
I
Analog output mute control (1)
RST
6
I
Reset(1)
SCK
5
I
System clock input(1)
VCCC
15
−
Analog power supply (internal bias and current DAC), 5 V
VCCF
21
−
Analog power supply (DACFF), 5 V
VCCL
20
−
Analog power supply (L-channel I/V), 5 V
VCCR
10
−
Analog power supply (R-channel I/V), 5 V
VCOM
14
−
Internal bias decoupling pin
VDD
7
−
Digital power supply, 3.3 V
VOUTL+
17
O
L-channel analog voltage output +
VOUTL−
18
O
L-channel analog voltage output −
VOUTR+
13
O
R-channel analog voltage output +
VOUTR−
12
O
R-channel analog voltage output −
ZEROL
23
O
Zero flag for L-channel
ZEROR
22
O
Zero flag for R-channel
(1) Schmitt-trigger input, 5-V tolerant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com