Electronic Components Datasheet Search
  English  ▼

X  

PCM1796DBR Datasheet(PDF) 23 Page - Texas Instruments

Part # PCM1796DBR
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1796DBR Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM1796DBR Datasheet HTML 19Page - Texas Instruments PCM1796DBR Datasheet HTML 20Page - Texas Instruments PCM1796DBR Datasheet HTML 21Page - Texas Instruments PCM1796DBR Datasheet HTML 22Page - Texas Instruments PCM1796DBR Datasheet HTML 23Page - Texas Instruments PCM1796DBR Datasheet HTML 24Page - Texas Instruments PCM1796DBR Datasheet HTML 25Page - Texas Instruments PCM1796DBR Datasheet HTML 26Page - Texas Instruments PCM1796DBR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
PCM1796
SLES100A − DECEMBER 2003 − REVISED NOVEMBER 2006
www.ti.com
23
Noise Suppression
The PCM1796 incorporates noise suppression using the system clock (SCK). However, there must be no more than
two noise spikes in 600 ns. The noise suppression works for SCK frequencies between 8 MHz and 40 MHz in fast
mode. However, it works incorrectly in the following conditions.
Case 1:
1.
t(SCK) > 120 ns (t(SCK): period of SCK)
2.
t(HI) + t(D–HD) < t(SCK) × 5
3.
Spike noise exists on the first half of the SCL HIGH pulse.
4.
Spike noise exists on the SDA HIGH pulse just before SDA goes LOW.
SCL
SDA
Noise
When these conditions occur at the same time, the data is recognized as LOW.
Case 2:
1.
t(SCK) > 120 ns
2.
t(S–HD) or t(RS–HD) < t(SCK) × 5
3.
Spike noise exists on both SCL and SDA during the hold time.
SCL
SDA
Noise
When these conditions occur at the same time, the PCM1796 fails to detect a start condition.
Case 3:
1.
t(SCK) < 50 ns
2.
t(SP) > t(SCK)
3.
Spike noise exists on SCL just after SCL goes LOW.
4.
Spike noise exists on SDA just before SCL goes LOW.
SCL
SDA
Noise
When these conditions occur at the same time, the PCM1796 erroneously detects a start or stop condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com