Electronic Components Datasheet Search
  English  ▼

X  

PCM1796DBR Datasheet(PDF) 41 Page - Texas Instruments

Part # PCM1796DBR
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1796DBR Datasheet(HTML) 41 Page - Texas Instruments

Back Button PCM1796DBR Datasheet HTML 37Page - Texas Instruments PCM1796DBR Datasheet HTML 38Page - Texas Instruments PCM1796DBR Datasheet HTML 39Page - Texas Instruments PCM1796DBR Datasheet HTML 40Page - Texas Instruments PCM1796DBR Datasheet HTML 41Page - Texas Instruments PCM1796DBR Datasheet HTML 42Page - Texas Instruments PCM1796DBR Datasheet HTML 43Page - Texas Instruments PCM1796DBR Datasheet HTML 44Page - Texas Instruments PCM1796DBR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
PCM1796
SLES100A − DECEMBER 2003 − REVISED NOVEMBER 2006
www.ti.com
41
APPLICATION FOR DSD FORMAT (DSD MODE) INTERFACE
Bit Clock
DSD Decoder
DATA
5
6
7
BCK
SCK
ZEROL
1
2
3
4
ZEROR
MSEL
LRCK
PCM1796
DATA_R
DATA_L
Figure 42. Connection Diagram in DSD Mode
Feature
This mode is used for interfacing directly to a DSD decoder, which is found in Super Audio CD
t (SACD) applications.
The DSD mode is accessed by programming the following bit in the corresponding control register.
DSD = 1 (register 20)
The DSD mode provides a low-pass filtering function. The filtering is provided using an analog FIR filter structure.
Four FIR responses are available, and are selected by the DMF[1:0] bits of control register 18.
The DSD bit must be set before inputting DSD data; otherwise, the PCM1796 erroneously detects the TDMCA mode,
and commands are not accepted through the serial control interface.
Pin Assignment When Using DSD Format Interface
Several pins are redefined for DSD mode operation. These include:
D DATA (pin 5): DSDL as L-channel DSD data input
D LRCK (pin 4): DSDR as R-channel DSD data input
D SCK (pin 7): DBCK as bit clock for DSD data
D BCK (pin 6): Set LOW (N/A)
Super Audio CD is a trademark of Sony Kabushiki Kaisha TA Sony Corporation, Japan.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com