Electronic Components Datasheet Search
  English  ▼

X  

PCM1796DBR.B Datasheet(PDF) 22 Page - Texas Instruments

Part # PCM1796DBR.B
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1796DBR.B Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM1796DBR.B Datasheet HTML 18Page - Texas Instruments PCM1796DBR.B Datasheet HTML 19Page - Texas Instruments PCM1796DBR.B Datasheet HTML 20Page - Texas Instruments PCM1796DBR.B Datasheet HTML 21Page - Texas Instruments PCM1796DBR.B Datasheet HTML 22Page - Texas Instruments PCM1796DBR.B Datasheet HTML 23Page - Texas Instruments PCM1796DBR.B Datasheet HTML 24Page - Texas Instruments PCM1796DBR.B Datasheet HTML 25Page - Texas Instruments PCM1796DBR.B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
PCM1796
SLES100A − DECEMBER 2003 − REVISED NOVEMBER 2006
www.ti.com
22
Write Register
A master can write to any PCM1796 registers using single or multiple accesses. The master sends a PCM1796 slave
address with a write bit, a register address, and the data. If multiple access is required, the address is that of the
starting register, followed by the data to be transferred. When the data are received properly, the index register is
incremented by 1 automatically. When the index register reaches 0x7F, the next value is 0x00. When undefined
registers are accessed, the PCM1796 does not send an acknowledgement. Figure 32 is a diagram of the write
operation.
Transmitter
M
MM
S
M
M
Data Type
St
Slave Address
W
ACK
Reg Address
Write Data 1
S
ACK
S
ACK
M
Sp
M
Write Data 2
S
ACK
S
ACK
M: Master Device
S: Slave Device
St: Start Condition
Sp: Stop Condition
ACK: Acknowledge
W: Write
Figure 32. Write Operation
Read Register
A master can read the PCM1796 register. The value of the register address is stored in an indirect index register in
advance. The master sends a PCM1796 slave address with a read bit after storing the register address. Then the
PCM1796 transfers the data which the index register points to. When the data are transferred during a multiple
access, the index register is incremented by 1 automatically. (When first going into read mode immediately following
a write, the index register is not incremented. The master can read the register that was previously written.) When
the index register reaches 0x7F, the next value is 0x00. The PCM1796 outputs some data when the index register
is 0x10 to 0x1F, even if it is not defined in Table 4. Figure 33 is a diagram of the read operation.
Data Type
Data
Transmitter
M
MM
S
M
M
St
Slave Address
W
ACK
Reg Address
Slave Address
S
ACK
S
ACK
M
Sp
S
M
ACK
M
NACK
M
Sr
M
R
M: Master Device
S: Slave Device
St: Start Condition
Sr: Repeated Start Condition
Sp: Stop Condition
ACK: Acknowledge
NACK: Not Acknowledge
W: Write
R: Read
Figure 33. Read Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com