Electronic Components Datasheet Search
  English  ▼

X  

PCM1796DBR.B Datasheet(PDF) 29 Page - Texas Instruments

Part # PCM1796DBR.B
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1796DBR.B Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCM1796DBR.B Datasheet HTML 25Page - Texas Instruments PCM1796DBR.B Datasheet HTML 26Page - Texas Instruments PCM1796DBR.B Datasheet HTML 27Page - Texas Instruments PCM1796DBR.B Datasheet HTML 28Page - Texas Instruments PCM1796DBR.B Datasheet HTML 29Page - Texas Instruments PCM1796DBR.B Datasheet HTML 30Page - Texas Instruments PCM1796DBR.B Datasheet HTML 31Page - Texas Instruments PCM1796DBR.B Datasheet HTML 32Page - Texas Instruments PCM1796DBR.B Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
PCM1796
SLES100A − DECEMBER 2003 − REVISED NOVEMBER 2006
www.ti.com
29
OPE: DAC Operation Control
This bit is available for read and write.
Default value: 0
OPE = 0
DAC operation enabled (default)
OPE = 1
DAC operation disabled
The OPE bit is used to enable or disable the analog output for both channels. Disabling the analog outputs forces
them to the bipolar zero level (BPZ) even if audio data is present on the input.
DFMS: Stereo DF Bypass Mode Select
This bit is available for read and write.
Default value: 0
DFMS = 0
Monaural (default)
DFMS = 1
Stereo input enabled
The DFMS bit is used to enable stereo operation in DF bypass mode. In the DF bypass mode, when DFMS is set
to 0, the pin for the input data is DATA (pin 5) only, therefore the PCM1796 operates as a monaural DAC. When DFMS
is set to 1, the PCM1796 can operate as a stereo DAC with inputs of L-channel and R-channel data on ZEROL (pin 1)
and ZEROR (pin 2), respectively.
FLT: Digital Filter Rolloff Control
This bit is available for read and write.
Default value: 0
FLT = 0
Sharp rolloff (default)
FLT = 1
Slow rolloff
The FLT bit is used to select the digital filter rolloff characteristic. The filter responses for these selections are shown
in the TYPICAL PERFORMANCE CURVES section of this data sheet.
INZD: Infinite Zero Detect Mute Control
This bit is available for read and write.
Default value: 0
INZD = 0
Infinite zero detect mute disabled (default)
INZD = 1
Infinite zero detect mute enabled
The INZD bit is used to enable or disable the zero detect mute function. Setting INZD to 1 forces muted analog outputs
to hold a bipolar zero level when the PCM1796 detects a zero condition in both channels. The infinite zero detect
mute function is not available in the DSD mode.
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 20
R/W
0
0
1
0
1
0
0
RSV
SRST
DSD
DFTH
MONO
CHSL
OS1
OS0
R/W: Read/Write Mode Select
When R/W = 0, a write operation is performed.
When R/W = 1, a read operation is performed.
Default value: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com