Electronic Components Datasheet Search
  English  ▼

X  

PCM1804DB Datasheet(PDF) 25 Page - Texas Instruments

Part # PCM1804DB
Description  FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1804DB Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCM1804DB Datasheet HTML 21Page - Texas Instruments PCM1804DB Datasheet HTML 22Page - Texas Instruments PCM1804DB Datasheet HTML 23Page - Texas Instruments PCM1804DB Datasheet HTML 24Page - Texas Instruments PCM1804DB Datasheet HTML 25Page - Texas Instruments PCM1804DB Datasheet HTML 26Page - Texas Instruments PCM1804DB Datasheet HTML 27Page - Texas Instruments PCM1804DB Datasheet HTML 28Page - Texas Instruments PCM1804DB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
www.ti.com
tw(BCKH)
tw(BCKL)
t(CKDO)
t(BCKP)
0.5 VDD
0.5 VDD
DSDBCK
DSDL
DSDR
T0053−01
SYNCHRONIZATION WITH DIGITAL AUDIO SYSTEM FOR PCM
HIGH-PASS FILTER (HPF) BYPASS CONTROL FOR PCM
PCM1804
SLES022C – DECEMBER 2001 – REVISED OCTOBER 2007
PARAMETERS
MIN
TYP
MAX
UNIT
t(BCKP)
DSDBCK period
354
ns
tw(BCKH)
DSDBCK pulse duration, HIGH
177
ns
tw(BCKL)
DSDBCK pulse duration, LOW
177
ns
t(CKDO)
Delay time DSDBCK falling edge to DSDL, DSDR valid
–5
15
ns
tr
Rising time of all signals(1)(2)
10
ns
tf
Falling time of all signals(1)(2)
10
ns
(1)
Rising and falling times are measured from 10% to 90% of IN/OUT signal swing.
(2)
Load capacitance of DSDBCK/DSDL/DSDR signal is 10 pF.
Figure 40. Audio Data Interface Timing for DSD (Master Mode Only)
In slave mode, the PCM1804 operates under LRCK synchronized with the system clock SCKI. The PCM1804
does not need a specific phase relationship between LRCK and SCKI, but does require the synchronization of
LRCK and SCKI.
If the relationship between LRCK and SCKI changes more than ±6 BCK during one sample period due to LRCK
or SCKI jitter, internal operation of the ADC halts within 1/fS and digital output is forced into BPZ code until
resynchronization between LRCK and SCKI is completed.
In case of changes less than ±5 BCK, resynchronization does not occur and the previously described digital
output control and discontinuity do not occur.
Figure 41 illustrates ADC digital output for loss of synchronization and resynchronization. During undefined data,
the PCM1804 may generate some noise in the audio signal. Also, the transitions of normal to undefined data and
undefined or zero data to normal cause a discontinuity of data on the digital output. This can generate noise in
the audio signal. In master mode, synchronization loss never occurs.
The built-in function for dc component rejection can be bypassed by BYPAS (pin 12) control. In bypass mode,
the dc component of the input analog signal and the internal dc offset are also converted and output in the digital
output data.
HPF Bypass Control
BYPAS PIN
HPF MODE
Low
Normal (high-pass) mode
High
Bypass (through) mode
Copyright © 2001–2007, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): PCM1804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com