Electronic Components Datasheet Search
  English  ▼

X  

PCM1804DB Datasheet(PDF) 27 Page - Texas Instruments

Part # PCM1804DB
Description  FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1804DB Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCM1804DB Datasheet HTML 23Page - Texas Instruments PCM1804DB Datasheet HTML 24Page - Texas Instruments PCM1804DB Datasheet HTML 25Page - Texas Instruments PCM1804DB Datasheet HTML 26Page - Texas Instruments PCM1804DB Datasheet HTML 27Page - Texas Instruments PCM1804DB Datasheet HTML 28Page - Texas Instruments PCM1804DB Datasheet HTML 29Page - Texas Instruments PCM1804DB Datasheet HTML 30Page - Texas Instruments PCM1804DB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
www.ti.com
TYPICAL CIRCUIT CONNECTION DIAGRAM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
VREFL
AGNDL
VCOML
VINL+
VINL−
FMT0
FMT1
S/M
OSR0
OSR1
OSR2
BYPAS
DGND
VDD
VREFR
AGNDR
VCOMR
VINR+
VINR−
AGND
VCC
OVFL
OVFR
RST
SCKI
LRCK/DSDBCK
BCK/DSDL
DATA/DSDR
27
26
25
24
23
22
21
20
19
18
17
16
15
+
C1
+
C3
+
C5
+
−
L-Channel In
Format [1:0]
Master/Slave
Oversampling
Ratio [2:0]
HPF Bypass
3.3 V
C2
C4
+
+
+
C6
5 V
Control
+
−
R-Channel In
Overflow
Reset
System Clock
L/R Clock
Data Clock
Data Out
Audio Data
Processor
PCM1804
S0058-01
PCM1804
SLES022C – DECEMBER 2001 – REVISED OCTOBER 2007
Figure 42 illustrates a typical circuit connection diagram in the PCM data format operation.
A.
C1, C2, C5, and C6: Bypass capacitors, 0.1-
μF ceramic and 10-μF tantalum, depending on layout and power supply
B.
C3, C4: Bypass capacitor, 0.1-
μF tantalum, depending on layout and power supply
Figure 42. Typical Circuit Connection Diagram for PCM
Copyright © 2001–2007, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): PCM1804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com