Electronic Components Datasheet Search
  English  ▼

X  

PCM3010 Datasheet(PDF) 24 Page - Texas Instruments

Part # PCM3010
Description  24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3010 Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM3010 Datasheet HTML 20Page - Texas Instruments PCM3010 Datasheet HTML 21Page - Texas Instruments PCM3010 Datasheet HTML 22Page - Texas Instruments PCM3010 Datasheet HTML 23Page - Texas Instruments PCM3010 Datasheet HTML 24Page - Texas Instruments PCM3010 Datasheet HTML 25Page - Texas Instruments PCM3010 Datasheet HTML 26Page - Texas Instruments PCM3010 Datasheet HTML 27Page - Texas Instruments PCM3010 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
PCM3010
SLES055 – NOVEMBER 2002
24
www.ti.com
PCM audio interface
Digital audio data is interfaced to the PCM3010 on LRCK (pin 10), BCK (pin 11), DIN (pin 12), and DOUT
(pin 13). The PCM3010 can accept the following 16-bit and 24-bit formats. These formats are selected through
FMT0 (pin 7) and FMT1 (pin 8), as shown in Table 2.
Table 2. Audio Data Format Select
FMT1
FMT0
DAC DATA FORMAT
ADC DATA FORMAT
LOW
LOW
24-bit, MSB-first, right-justified
24-bit, MSB-first, left-justified
LOW
HIGH
16-bit, MSB-first, right-justified
24-bit, MSB-first, left-justified
HIGH
LOW
24-bit, MSB-first, left-justified
24-bit, MSB-first, left-justified
HIGH
HIGH
24-bit, MSB-first, I2S
24-bit, MSB-first, I2S
The PCM3010 accepts two combinations of BCK and LRCK, 64 or 48 clocks of BCK in one clock of LRCK. The
following figures illustrate audio data input/output format and timing.
FORMAT 0: FMT[1:0] = 00
DAC: 24-Bit, MSB-First, Right-Justified
LRCK
Right Channel
Left Channel
BCK
DIN
24
22 23 24
3
2
1
MSB
LSB
22 23 24
3
2
1
MSB
LSB
ADC: 24-Bit, MSB-First, Left-Justified
BCK
LRCK
Right Channel
Left Channel
DOUT
1
22 23 24
3
2
1
MSB
LSB
22 23 24
3
2
1
MSB
LSB
FORMAT 1: FMT[1:0] = 01
LRCK
Right Channel
Left Channel
BCK
DIN
16
14 15 16
3
2
1
MSB
LSB
14 15 16
3
2
1
MSB
LSB
DAC: 16-Bit, MSB-First, Right-Justified
ADC: 24-Bit, MSB-First, Left-Justified
BCK
LRCK
Right Channel
Left Channel
DOUT
1
22 23 24
3
2
1
MSB
LSB
22 23 24
3
2
1
MSB
LSB
Figure 47. Audio Data Input/Output Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com