Electronic Components Datasheet Search
  English  ▼

X  

PCM3010 Datasheet(PDF) 9 Page - Texas Instruments

Part # PCM3010
Description  24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3010 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM3010 Datasheet HTML 5Page - Texas Instruments PCM3010 Datasheet HTML 6Page - Texas Instruments PCM3010 Datasheet HTML 7Page - Texas Instruments PCM3010 Datasheet HTML 8Page - Texas Instruments PCM3010 Datasheet HTML 9Page - Texas Instruments PCM3010 Datasheet HTML 10Page - Texas Instruments PCM3010 Datasheet HTML 11Page - Texas Instruments PCM3010 Datasheet HTML 12Page - Texas Instruments PCM3010 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
PCM3010
SLES055 – NOVEMBER 2002
9
www.ti.com
TYPICAL PERFORMANCE CURVES OF INTERNAL FILTER (ADC PORTION)
digital filter
Figure 2. Overall Characteristics
Frequency [
× fS]
–200
–150
–100
–50
0
0
8
16
24
32
AMPLITUDE
vs
FREQUENCY
Figure 3. Stop-Band Attenuation Characteristics
Frequency [
× fS]
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.0
0.2
0.4
0.6
0.8
1.0
AMPLITUDE
vs
FREQUENCY
–1.0
–0.8
–0.6
–0.4
–0.2
–0.0
0.2
0.0
0.1
0.2
0.3
0.4
0.5
Frequency [
× fS]
AMPLITUDE
vs
FREQUENCY
0.0
Figure 4. Pass-Band Ripple Characteristics
Figure 5. Transient Band Characteristics
Frequency [
× fS]
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
0.45 0.46 0.47 0.48 0.49 0.50 0.51 0.52 0.53 0.54 0.55
AMPLITUDE
vs
FREQUENCY
–4.13 dB @ 0.5 fS
All specifications at TA = 25°C, VCC1 = VCC2 = 5 V, VDD = 3.3 V, fS = 44.1 kHz, SCKI = 384 fS, 24-bit data, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com