Electronic Components Datasheet Search
  English  ▼

X  

PCM2900 Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM2900
Description  STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2900 Datasheet(HTML) 3 Page - Texas Instruments

  PCM2900 Datasheet HTML 1Page - Texas Instruments PCM2900 Datasheet HTML 2Page - Texas Instruments PCM2900 Datasheet HTML 3Page - Texas Instruments PCM2900 Datasheet HTML 4Page - Texas Instruments PCM2900 Datasheet HTML 5Page - Texas Instruments PCM2900 Datasheet HTML 6Page - Texas Instruments PCM2900 Datasheet HTML 7Page - Texas Instruments PCM2900 Datasheet HTML 8Page - Texas Instruments PCM2900 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PCM2900
PCM2902
SLES035E – MARCH 2007 – REVISED MARCH 2008
all specifications at TA = 25°C, VBUS = 5 V, fS = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless otherwise noted
PCM2900E, PCM2902E
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
DIGITAL INPUT/OUTPUT
Host interface
Apply USB Revision 1.1, full speed
Audio data format
USB isochronous data format
INPUT LOGIC
D+, D–
2
3.3
XTI, HID0, HID1, and
2.52
3.3
High-level input
HID2
VIH
VDC
voltage
SEL0, SEL1
2
5.25
DIN, PCM2902
2.52
5.25
D+, D–
0.8
XTI, HID0, HID1, and
0.9
Low-level input
HID2
VIL
VDC
voltage
SEL0, SEL1
0.8
DIN, PCM2902
0.9
D+, D–, XTI, SEL0,
±10
SEL1
High-level input
IIH
VIN = 3.3 V
µA
voltage
HID0, HID1, and HID2
50
80
DIN, PCM2902
65
100
D+, D–, XTI, SEL0,
±10
SEL1
Low-level input
IIL
VIN = 0 V
µA
voltage
HID0, HID1, and HID2
±10
DIN, PCM2902
±10
OUTPUT LOGIC
D+, D–
2.8
High-level output
VOH
DOUT, PCM2902
IOH = –4 mA
2.8
VDC
voltage
SSPND
IOH = –2 mA
2.8
D+, D–
0.3
Low-level output
VOL
DOUT, PCM2902
IOL = 4 mA
0.5
VDC
voltage
SSPND
IOL = 2 mA
0.5
CLOCK FREQUENCY
Input clock frequency, XTI
11.994
12
12.008
MHz
ADC CHARACTERISTICS
Resolution
8, 16
bits
Audio data channel
1, 2
channel
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PCM2900 PCM2902
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com