Electronic Components Datasheet Search
  English  ▼

X  

PCM2900 Datasheet(PDF) 4 Page - Texas Instruments

Part # PCM2900
Description  STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2900 Datasheet(HTML) 4 Page - Texas Instruments

  PCM2900 Datasheet HTML 1Page - Texas Instruments PCM2900 Datasheet HTML 2Page - Texas Instruments PCM2900 Datasheet HTML 3Page - Texas Instruments PCM2900 Datasheet HTML 4Page - Texas Instruments PCM2900 Datasheet HTML 5Page - Texas Instruments PCM2900 Datasheet HTML 6Page - Texas Instruments PCM2900 Datasheet HTML 7Page - Texas Instruments PCM2900 Datasheet HTML 8Page - Texas Instruments PCM2900 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PCM2900
PCM2902
SLES035E – MARCH 2007 – REVISED MARCH 2008
all specifications at TA = 25°C, VBUS = 5 V, fS = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless otherwise noted
PCM2900E, PCM2902E
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
CLOCK FREQUENCY
8, 11.025, 16, 22.05, 32, 44.1,
fS
Sampling frequency
kHz
48
DC ACCURACY
% of
Gain mismatch, channel-to-channel
±1
±5
FSR
% of
Gain error
±2
±10
FSR
% of
Bipolar zero error
±0
FSR
DYNAMIC PERFORMANCE(1)
VCCCI = 3.67 V, VIN = –0.5 dB
(2)
0.01%
0.02%
THD+N
Total harmonic distortion plus noise
VIN = –0.5 dB
(3)
0.1%
VIN = –60 dB
5%
Dynamic range
A-weighted
81
89
dB
SNR
Signal-to-noise ratio
A-weighted
81
89
dB
Channel separation
80
85
dB
ANALOG INPUT
Input voltage
0.6 VCCCI
Vp-p
Center voltage
0.5 VCCCI
V
Input impedance
30
k
Ω
–3 dB
150
kHz
Antialiasing filter frequency response
fIN = 20 kHz
–0.08
dB
DIGITAL FILTER PERFORMANCE
Pass band
0.454 fS
Hz
Stop band
0.583 fS
Hz
Pass-band ripple
±0.05
dB
Stop-band attenuation
65
dB
td
Delay time
17.4/fS
s
LCF frequency response
–3 dB
0.078 fS
MHz
DAC CHARACTERISTICS
Resolution
8, 16
bits
Audio data channel
1, 2
channel
CLOCK FREQUENCY
fS
Sampling frequency
32, 44.1, 48
kHz
(1)
fIN = 1 kHz, using a System Two™ audio measurement system by Audio Precision™ in the RMS mode with 20-kHz LPF, 400-Hz HPF in
calculation.
(2)
Using external voltage regulator for VCCCI (as shown in Figure 36 and Figure 37, using with REG103xA-A)
(3)
Using internal voltage regulator for VCCCI (as shown in Figure 38 and Figure 39)
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): PCM2900 PCM2902
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com