Electronic Components Datasheet Search
  English  ▼

X  

PLL1707DBQ Datasheet(PDF) 6 Page - Texas Instruments

Part # PLL1707DBQ
Description  3.3-V DUAL PLL MULTICLOCK GENERATOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PLL1707DBQ Datasheet(HTML) 6 Page - Texas Instruments

Back Button PLL1707DBQ Datasheet HTML 2Page - Texas Instruments PLL1707DBQ Datasheet HTML 3Page - Texas Instruments PLL1707DBQ Datasheet HTML 4Page - Texas Instruments PLL1707DBQ Datasheet HTML 5Page - Texas Instruments PLL1707DBQ Datasheet HTML 6Page - Texas Instruments PLL1707DBQ Datasheet HTML 7Page - Texas Instruments PLL1707DBQ Datasheet HTML 8Page - Texas Instruments PLL1707DBQ Datasheet HTML 9Page - Texas Instruments PLL1707DBQ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
PLL1707
PLL1708
SLES065 – DECEMBER 2002
www.ti.com
6
PLL1708 Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
9
–
Analog ground
CSEL
12
I
SCKO1 frequency selection control(1)
DGND1
4
–
Digital ground 1
DGND2
16
–
Digital ground 2
DGND3
17
–
Digital ground 3
MC
6
I
Bit clock input for serial control(1)
MCKO1
14
O
27-MHz master clock output 1
MCKO2
15
O
27-MHz master clock output 2
MD
5
I
Data input for serial control(1)
MS
7
I
Chip select input for serial control(1)
SCKO0
18
O
System clock output 0 (33.8688 MHz fixed)
SCKO1
19
O
System clock output 1 (selectable for 48 kHz)
SCKO2
2
O
System clock output 2 (256 fS selectable)
SCKO3
3
O
System clock output 3 (384 fS selectable)
VCC
8
–
Analog power supply, 3.3 V
VDD1
1
–
Digital power supply 1, 3.3 V
VDD2
13
–
Digital power supply 2, 3.3 V
VDD3
20
–
Digital power supply 3, 3.3 V
XT1
10
I
27-MHz crystal oscillator, or external clock input
XT2
11
O
27-MHz crystal oscillator, must be OPEN for external clock input mode
(1) Schmitt-trigger input with internal pulldown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com