Electronic Components Datasheet Search
  English  ▼

X  

PLL1707DBQ Datasheet(PDF) 7 Page - Texas Instruments

Part # PLL1707DBQ
Description  3.3-V DUAL PLL MULTICLOCK GENERATOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PLL1707DBQ Datasheet(HTML) 7 Page - Texas Instruments

Back Button PLL1707DBQ Datasheet HTML 3Page - Texas Instruments PLL1707DBQ Datasheet HTML 4Page - Texas Instruments PLL1707DBQ Datasheet HTML 5Page - Texas Instruments PLL1707DBQ Datasheet HTML 6Page - Texas Instruments PLL1707DBQ Datasheet HTML 7Page - Texas Instruments PLL1707DBQ Datasheet HTML 8Page - Texas Instruments PLL1707DBQ Datasheet HTML 9Page - Texas Instruments PLL1707DBQ Datasheet HTML 10Page - Texas Instruments PLL1707DBQ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
PLL1707
PLL1708
SLES065 – DECEMBER 2002
www.ti.com
7
TYPICAL PERFORMANCE CURVES
fS – Sampling Frequency – kHz
40
45
50
55
60
65
70
30
40
50
60
70
80
90
100
JITTER
vs
SAMPLING FREQUENCY
Figure 1
MCKO1
MCKO2
SCKO0
SCKO1
SCKO3
SCKO2
CL – Load Capacitance – pF
40
45
50
55
60
65
70
0
5
10
15
20
JITTER
vs
LOAD CAPACITANCE
SCKO0
MCKO1
SCKO2
MCKO2
Figure 2
SCKO1
SCKO3
40
45
50
55
60
65
70
2.7
3.0
3.3
3.6
VCC – Supply Voltage – V
JITTER
vs
SUPPLY VOLTAGE
SCKO0
SCKO3
MCKO1
MCKO2
SCKO1
Figure 3
SCKO2
Figure 4
40
45
50
55
60
65
70
–50
–25
0
25
50
75
100
TA – Free-Air Temperature – °C
JITTER
vs
FREE-AIR TEMPERATURE
SCKO0
SCKO1
SCKO3
MCKO1
MCKO2
SCKO2
NOTE: All specifications at TA = 25°C, VDD1–3 (= VDD) = VCC = +3.3 V, fM = 27 MHz, crystal oscillation, C1, C2 = 15 pF, default frequency
(33.8688 MHz for SCKO0, 36.864 MHz for SCKO1, 256 fS and 384 fS of 48 kHz for SCKO2 and SCKO3), CL = 20 pF on measurement pin,
unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com