Electronic Components Datasheet Search
  English  ▼

X  

MIC5166 Datasheet(PDF) 24 Page - Microchip Technology

Part # MIC5166
Description  3A High-Speed, Low-VIN DDR Terminator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5166 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MIC5166 Datasheet HTML 20Page - Microchip Technology MIC5166 Datasheet HTML 21Page - Microchip Technology MIC5166 Datasheet HTML 22Page - Microchip Technology MIC5166 Datasheet HTML 23Page - Microchip Technology MIC5166 Datasheet HTML 24Page - Microchip Technology MIC5166 Datasheet HTML 25Page - Microchip Technology MIC5166 Datasheet HTML 26Page - Microchip Technology MIC5166 Datasheet HTML 27Page - Microchip Technology MIC5166 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
MIC5166
DS20006085B-page 24
 2018 - 2019 Microchip Technology Inc.
R2
CRCW0603698RFKEA
Vishay Dale
698Ω, resistor, 1%, 0603
1
R3
CRCW06032002FKEA
Vishay Dale
20 kΩ, resistor, 1%, 0603
1
R4
CRCW06034752FKEA
Vishay Dale
47.5 kΩ, resistor, 1%, 0603
1
R6, R8,
R11, R17,
R21
CRCW06032R20RFKEA
Vishay Dale
2.2Ω, resistor, 1%, 0603
5
R7
CRCW060349R9RFKEA
Vishay Dale
49.9Ω, resistor, 1%, 0603
1
R9
CRCW06031002FKEA
Vishay Dale
10 kΩ, resistor, 1%, 0603
1
R10, R19 CRCW06031K00FKEA
Vishay Dale
1 kΩ, resistor, 1%, 0603
2
R12
CRCW0603000RFKEA
Vishay Dale
0Ω, resistor, 1%, 0603
1
R13, R14,
R24
CRCW25121R00FKEGHP
Vishay Dale
1Ω, resistor, 1.5W, 1%, 2512
3
R15
CRCW25122R00JNEG
Vishay Dale
2Ω, resistor, 1.5W, 1%, 2512
1
R16, R18,
R20
CRCW06031003FKEA
Vishay Dale
100 kΩ, resistor, 1%, 0603
3
R22, R23 LR2512-R50FW
Vishay Dale
0.5Ω, resistor, 1.5W, 1%, 2512
2
RV1
PV36W103C01B00
Murata
Pot, 10 kΩ, 0.5W, 9.6x5x10
1
U1
MIC22405YML
Microchip
4A, Synchronous Buck Regulator
1
U2
MIC5166YMM
Microchip
3A High-Speed Low VIN DDR Terminator
1
U3
SN74AHCT00RGYR
TI
Quad, 2IN Pos-NAND Gate, 14-pin, QFN
1
U4
MIC1557YM5
Microchip
5 MHz RC Timer Oscillator
1
U5
MIC4425
Microchip
3A Dual Inverting and Non-Inverting MOSFET
Driver
1
TABLE 7-1:
BILL OF MATERIALS (CONTINUED)
Item
Part Number
Manufacturer
Description
Qty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com