Electronic Components Datasheet Search
  English  ▼

X  

MIC5166 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC5166
Description  3A High-Speed, Low-VIN DDR Terminator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5166 Datasheet(HTML) 3 Page - Microchip Technology

  MIC5166 Datasheet HTML 1Page - Microchip Technology MIC5166 Datasheet HTML 2Page - Microchip Technology MIC5166 Datasheet HTML 3Page - Microchip Technology MIC5166 Datasheet HTML 4Page - Microchip Technology MIC5166 Datasheet HTML 5Page - Microchip Technology MIC5166 Datasheet HTML 6Page - Microchip Technology MIC5166 Datasheet HTML 7Page - Microchip Technology MIC5166 Datasheet HTML 8Page - Microchip Technology MIC5166 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
 2018 - 2019 Microchip Technology Inc.
DS20006085B-page 3
MIC5166
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
VBIAS ............................................................................................................................................................ –0.3V to +6V
VIN..............................................................................................................................................................–0.3V to VBIAS
VDDQ ..............................................................................................................................................................–0.3V to VIN
VTT .................................................................................................................................................................–0.3V to VIN
VEN.............................................................................................................................................................–0.3V to VBIAS
VPG.............................................................................................................................................................–0.3V to VBIAS
PGND to AGND ........................................................................................................................................ –0.3V to +0.3V
Junction Temperature (TJ)..................................................................................................................................... +150°C
Storage Temperature (TS)...................................................................................................................... –65°C to +150°C
Lead Temperature (Soldering, 10 sec.)................................................................................................................. +260°C
Continuous Power Dissipation (TA = +25°C; De-Rated 16.4 mW/°C above 25°C).................................................1.64W
Continuous Power Dissipation (TA = +85°C) .......................................................................................................656 mW
ESD Rating (HBM, Note 1) ........................................................................................................................................ 2 kV
Operating Ratings ††
Supply Voltage (VBIAS).............................................................................................................................. +2.5V to +5.5V
Supply Voltage (VIN, Note 2)..................................................................................................................... +0.9V to +3.6V
Supply Voltage (VDDQ, Note 3)...................................................................................................................... +0.9V to VIN
Power Good Voltage (VPG) .............................................................................................................................0V to VBIAS
Enable Input Voltage (VEN) .............................................................................................................................0V to VBIAS
Junction Temperature Range (TJ).......................................................................................................... –40°C to +125°C
Package Thermal Resistance
3 mm x 3 mm DFN (
JC) ....................................................................................................................................28.7°C/W
3 mm x 3 mm DFN (
JA) ....................................................................................................................................60.7°C/W
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
†† Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5 kΩ in series with
100 pF.
2: If VBIAS ≤ 3.6V, then VIN(MAX) = VBIAS.
3: If VBIAS ≤ 4V, then VDDQ(MAX) = 2 x (VBIAS – 2.2V). If VBIAS > 4V, then VDDQ(MAX) = 3.6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com